Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUY04D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUY04D
Description  1.5mm SIDE LOOK LED
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUY04D Datasheet(HTML) 1 Page - SunLED Corporation

  LUY04D Datasheet HTML 1Page - SunLED Corporation LUY04D Datasheet HTML 2Page - SunLED Corporation LUY04D Datasheet HTML 3Page - SunLED Corporation LUY04D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Part Number:
LUY04D
Published Date : MAR 21,2008
Drawing No : SDSA3006
V3
Checked : B.L.LIU
P.1/4
1.5mm SIDE LOOK LED
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUY04D
Yellow
GaAsP/GaP
Yellow Diffused
2.6
7
590
90°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
LOW POWER CONSUMPTION.
SIDE LOOKING PACKAGE.
RELIABLE AND RUGGED.
EXCELLENT UNIFORMITY OF LIGHT OUTPUT.
LONG LIFE SOLID STATE RELIABILITY.
●RoHS COMPLIANT.
UY
(GaAsP/
GaP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak Emission
(Typ.)
(IF=20mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
588
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=20mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
°C
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專用,
ou=SPEC專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.22 09:39:30 +08'00'


Similar Part No. - LUY04D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
LUY01D SUNLED-LUY01D Datasheet
181Kb / 4P
10mm SOLID STATE LAMP
More results

Similar Description - LUY04D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KM-4457F3C KINGBRIGHT-KM-4457F3C Datasheet
81Kb / 3P
1.5mm SIDE LOOK INFRA-RED ENITTING DIODE
AM4457F3C KINGBRIGHT-AM4457F3C Datasheet
87Kb / 3P
1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
AM4457F3C KINGBRIGHT-AM4457F3C_05 Datasheet
96Kb / 3P
1.5mm SIDE LOOK INFRA-RED EMITTING DIODE
logo
Everlight Electronics C...
IR908-7C-F EVERLIGHT-IR908-7C-F Datasheet
193Kb / 7P
1.5mm Side Face Infrared LED
logo
SunLED Corporation
LMG04D SUNLED-LMG04D Datasheet
184Kb / 4P
1.5mm SIDE LOOK LED
LMR04D SUNLED-LMR04D Datasheet
183Kb / 4P
1.5mm SIDE LOOK LED
LUR04D SUNLED-LUR04D Datasheet
184Kb / 4P
1.5mm SIDE LOOK LED
logo
Everlight Electronics C...
HIR928-6C-F EVERLIGHT-HIR928-6C-F_15 Datasheet
201Kb / 8P
1.5mm Side Face Infrared LED
IR908-7C-F EVERLIGHT-IR908-7C-F_15 Datasheet
198Kb / 7P
1.5mm Side Face Infrared LED
IR928-6C-F EVERLIGHT-IR928-6C-F_15 Datasheet
201Kb / 8P
1.5mm Side Face Infrared LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com