Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUY13D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUY13D
Description  2mm FLAT TOP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUY13D Datasheet(HTML) 1 Page - SunLED Corporation

  LUY13D Datasheet HTML 1Page - SunLED Corporation LUY13D Datasheet HTML 2Page - SunLED Corporation LUY13D Datasheet HTML 3Page - SunLED Corporation LUY13D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 22, 2008
Drawing No : SDSA3136
V3
Checked : B.L.LIU
P.1/4
Part Number:
LUY13D
2mm FLAT TOP LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
MOUNTS FLUSH WITH PANEL.
LOW POWER CONSUMPTION.
SUITABLE FOR AUDIO PANEL INDICATOR.
FITS 2mm HOLE IN PANEL UP TO 3.5mm (.138").
LONG LIFE - SOLID STATE RELIABILITY.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUY13D
Yellow
GaAsP/GaP
Yellow Diffused
3
7
590
70
°
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
590
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
588
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds


Similar Part No. - LUY13D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY13430H LIGITEK-LUY13430H Datasheet
118Kb / 6P
OVAL TYPE LED LAMPS
LUY13430R-S15-PF LIGITEK-LUY13430R-S15-PF Datasheet
112Kb / 6P
SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13432H-S16-PF-B01 LIGITEK-LUY13432H-S16-PF-B01 Datasheet
109Kb / 6P
SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13433-LTS-PF LIGITEK-LUY13433-LTS-PF Datasheet
134Kb / 6P
SUPER BRIGHT OVAL TYPE LED LAMPS
LUY13533H LIGITEK-LUY13533H Datasheet
121Kb / 5P
SUPER BRIGHT ROUND TYPE LED LAMPS
More results

Similar Description - LUY13D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP13GD KINGBRIGHT-WP13GD Datasheet
74Kb / 3P
2mm FLAT TOP LED LAMP
WP13HD KINGBRIGHT-WP13HD Datasheet
70Kb / 3P
2mm FLAT TOP LED LAMP
WP13ID KINGBRIGHT-WP13ID Datasheet
72Kb / 3P
2mm FLAT TOP LED LAMP
WP13YD KINGBRIGHT-WP13YD Datasheet
74Kb / 3P
2mm FLAT TOP LED LAMP
WP1034GDT KINGBRIGHT-WP1034GDT Datasheet
113Kb / 4P
2mm FLAT TOP LED LAMP
WP1034HDT KINGBRIGHT-WP1034HDT Datasheet
109Kb / 4P
2mm FLAT TOP LED LAMP
WP1034IDT KINGBRIGHT-WP1034IDT Datasheet
110Kb / 4P
2mm FLAT TOP LED LAMP
WP1034YDT KINGBRIGHT-WP1034YDT Datasheet
113Kb / 4P
2mm FLAT TOP LED LAMP
logo
SunLED Corporation
LUG13D SUNLED-LUG13D Datasheet
180Kb / 4P
2mm FLAT TOP LED LAMP
LUR13D SUNLED-LUR13D Datasheet
181Kb / 4P
2mm FLAT TOP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com