Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN1NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1NF10
Description  N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STN1NF10 Datasheet HTML 1Page - STMicroelectronics STN1NF10 Datasheet HTML 2Page - STMicroelectronics STN1NF10 Datasheet HTML 3Page - STMicroelectronics STN1NF10 Datasheet HTML 4Page - STMicroelectronics STN1NF10 Datasheet HTML 5Page - STMicroelectronics STN1NF10 Datasheet HTML 6Page - STMicroelectronics STN1NF10 Datasheet HTML 7Page - STMicroelectronics STN1NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
October 2001
.
STN1NF10
N-CHANNEL 100V - 0.7
Ω - 1A SOT-223
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.7 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC-DC CONVERTERS
s
DC MOTOR CONTROL (DISK DRIVERS, etc.)
TYPE
VDSS
RDS(on)
ID
STN1NF10
100 V
< 0.8
Ω
1 A
1
2
2
3
SOT-223
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) ISD ≤ 1A, di/dt ≤350A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 1A, VDD = 70V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuos) at TC = 25°C
1A
ID
Drain Current (continuos) at TC = 100°C
0.6
A
IDM(•)
Drain Current (pulsed)
4
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
Derating Factor
0.02
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
20
V/ns
EAS (2)
Single Pulse Avalanche Energy
35
mJ
Tstg
Storage Temperature
-55 to 150
°C
Tj
Max. Operating Junction Temperature
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STN1NF10

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STN1NF10 VBSEMI-STN1NF10 Datasheet
1Mb / 6P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STN1NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
Mar-2000
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
Dec-2002
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
Sep-2002
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com