Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUY44D Datasheet(PDF) 1 Page - SunLED Corporation

Part # LUY44D
Description  4mm SOLID STATE LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

LUY44D Datasheet(HTML) 1 Page - SunLED Corporation

  LUY44D Datasheet HTML 1Page - SunLED Corporation LUY44D Datasheet HTML 2Page - SunLED Corporation LUY44D Datasheet HTML 3Page - SunLED Corporation LUY44D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 18,2008
Drawing No : SDSA2789
V3
Checked : B.L.LIU
P.1/4
Part Number
: LUY44D
4mm SOLID STATE LAMP
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=10mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
LUY44D
Yellow
GaAsP/GaP
Yellow Diffused
3
9
590
80
°
Features
LOW POWER CONSUMPTION.
VERSATILE MOUNTING ON P.C. BOARD OR PANEL.
POPULAR 4mm DIAMETER.
RELIABLE AND RUGGED.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
UY
(GaAsP/GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
UY
(GaAsP/GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
590
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
588
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
35
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.20 16:47:27
+08'00'


Similar Part No. - LUY44D

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LUY4330 LIGITEK-LUY4330 Datasheet
69Kb / 5P
SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUY4333 LIGITEK-LUY4333 Datasheet
105Kb / 5P
SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
LUY43740-S2 LIGITEK-LUY43740-S2 Datasheet
102Kb / 5P
SUPER BRIGHT OVAL TYPE LED LAMPS
LUY43743 LIGITEK-LUY43743 Datasheet
79Kb / 6P
SUPER BRIGHT OVAL TYPE LED LAMPS
LUY4733-PF LIGITEK-LUY4733-PF Datasheet
111Kb / 6P
SUPER BRIGHT CYLINDRICAL TYPE LED LAMPS
More results

Similar Description - LUY44D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-44HD KINGBRIGHT-L-44HD Datasheet
144Kb / 5P
4mm SOLID STATE LAMPS
WP44GD KINGBRIGHT-WP44GD Datasheet
109Kb / 4P
4mm SOLID STATE LAMP
WP44HD KINGBRIGHT-WP44HD Datasheet
122Kb / 4P
4mm SOLID STATE LAMP
WP44ID KINGBRIGHT-WP44ID Datasheet
109Kb / 4P
4mm SOLID STATE LAMP
WP44YD KINGBRIGHT-WP44YD Datasheet
115Kb / 4P
4mm SOLID STATE LAMP
logo
Unity Opto Technology
MVL-514HB UOT-MVL-514HB Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-504TG UOT-MVL-504TG Datasheet
38Kb / 2P
SOLID STATE LAMP
MVL-324B UOT-MVL-324B Datasheet
38Kb / 2P
SOLID STATE LAMP
logo
SunLED Corporation
LUG44D SUNLED-LUG44D Datasheet
172Kb / 4P
4mm SOLID STATE LAMP
LUR44D SUNLED-LUR44D Datasheet
175Kb / 4P
4mm SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com