Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN2N10L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN2N10L
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2N10L Datasheet(HTML) 1 Page - STMicroelectronics

  STN2N10L Datasheet HTML 1Page - STMicroelectronics STN2N10L Datasheet HTML 2Page - STMicroelectronics STN2N10L Datasheet HTML 3Page - STMicroelectronics STN2N10L Datasheet HTML 4Page - STMicroelectronics STN2N10L Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STN2N10L
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTOR
ADVANCE DATA
s
TYPICAL RDS(on) = 0.35
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
SOT-223 CAN BE WAVE OR REFLOW
SOLDERED
s
AVAILABLE IN TAPE AND REEL ON
REQUEST
s
150
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HARD DISK DRIVERS
s
SMALL MOTOR CURRENT SENSE
CIRCUITS
s
DC-DC CONVERTERS AND POWER
SUPPLIES
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
100
V
VGS
Gate-source Voltage
± 15
V
ID(*)
Drain Current (continuous) at Tc = 25
oC2
A
ID(*)
Drain Current (continuous) at Tc = 100
o C
1.3
A
IDM(
•)
Drain Current (pulsed)
8
A
Ptot
Total Dissipation at Tc = 25
o C
2.7
W
Derating Factor
0.022
W/
oC
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area (*) Limited by package
TYPE
VDSS
RDS(on)
IDCONT
STN2N10L
100 V
< 0.5
Ω
2 A
March 1996
1
2
2
3
SOT-223
1/5


Similar Part No. - STN2N10L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STN2N10L VBSEMI-STN2N10L Datasheet
977Kb / 6P
N-Channel 100-V (D-S) MOSFET
More results

Similar Description - STN2N10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NA60 STMICROELECTRONICS-STD2NA60 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3N30L STMICROELECTRONICS-STD3N30L Datasheet
170Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STD3NA50 STMICROELECTRONICS-STD3NA50 Datasheet
172Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STH60N10 STMICROELECTRONICS-STH60N10 Datasheet
246Kb / 11P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
May-1993
STP15N05L STMICROELECTRONICS-STP15N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N05L STMICROELECTRONICS-STP32N05L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP32N06L STMICROELECTRONICS-STP32N06L Datasheet
201Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
STP53N08 STMICROELECTRONICS-STP53N08 Datasheet
77Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Mar-1996
STP5N30L STMICROELECTRONICS-STP5N30L Datasheet
198Kb / 10P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
Nov-1996
IRF630FI STMICROELECTRONICS-IRF630FI Datasheet
190Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com