Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N2NE10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # N2NE10
Description  N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

N2NE10 Datasheet(HTML) 1 Page - STMicroelectronics

  N2NE10 Datasheet HTML 1Page - STMicroelectronics N2NE10 Datasheet HTML 2Page - STMicroelectronics N2NE10 Datasheet HTML 3Page - STMicroelectronics N2NE10 Datasheet HTML 4Page - STMicroelectronics N2NE10 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STN2NE10
N - CHANNEL 100V - 0.33
Ω - 2A - SOT-223
STripFET
™ POWER MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 0.33
Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
AVALANCHE RUGGED TECHNOLOGY
s
100 % AVALANCHE TESTED
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power Mosfet is the latest development of
STMicroelectronics
unique
"Single
Feature
Size
™ " stip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES,etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
TYPE
VDSS
RDS(on)
ID
STN2NE10
100 V
< 0.4
Ω
2 A
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain- gate Voltage (RGS = 20 k
Ω)
100
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc = 25
o C2
A
ID
Drain Current (continuous) at Tc = 100
oC1.3
A
IDM(
•)
Drain Current (pulsed)
8
A
Ptot
Total Dissipation at Tc = 25
oC2.5
W
Derating Factor
0.02
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1) ISD
≤ 7 A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
New RDS (on) spec. starting from JULY 98
1
2
2
3
SOT-223
1/5


Similar Part No. - N2NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
N2NE10L STMICROELECTRONICS-N2NE10L Datasheet
235Kb / 12P
N-channel 100V - 0.33??-2A - SOT-223
01-Feb-2007
More results

Similar Description - N2NE10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Apr-1999
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
Mar-2000
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN7NF10 STMICROELECTRONICS-STN7NF10 Datasheet
274Kb / 8P
N-CHANNEL 100V - 0.055 ohm - 5A SOT-223 LOW GATE CHARGE STripFET™ II POWER MOSFET
Dec-2002
STN2NE10L STMICROELECTRONICS-STN2NE10L_07 Datasheet
235Kb / 12P
N-channel 100V - 0.33??-2A - SOT-223
01-Feb-2007
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com