Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN2NF06L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN2NF06L
Description  N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2NF06L Datasheet(HTML) 1 Page - STMicroelectronics

  STN2NF06L Datasheet HTML 1Page - STMicroelectronics STN2NF06L Datasheet HTML 2Page - STMicroelectronics STN2NF06L Datasheet HTML 3Page - STMicroelectronics STN2NF06L Datasheet HTML 4Page - STMicroelectronics STN2NF06L Datasheet HTML 5Page - STMicroelectronics STN2NF06L Datasheet HTML 6Page - STMicroelectronics STN2NF06L Datasheet HTML 7Page - STMicroelectronics STN2NF06L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
November 2002
.
STN2NF06L
N-CHANNEL 60V - 0.1
Ω - 2A SOT-223
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.1 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
AVALANCHE RUGGED TECHNOLOGY
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL (DISK DRIVES, etc.)
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
TYPE
VDSS
RDS(on)
ID
STN2NF06L
60 V
<0.12
Ω
2 A
1
2
2
3
SOT-223
ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(1) Related to Rthj -l
(2) ISD ≤2A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(3) Starting Tj = 25 oC, ID = 2A, VDD = 30V
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuous) at TC = 25°C
2A
ID
Drain Current (continuous) at TC = 100°C
1.2
A
IDM(•)
Drain Current (pulsed)
8
A
Ptot(1)
Total Dissipation at TC = 25°C
3W
Derating Factor
8
W/°C
dv/dt (2)
Peak Diode Recovery voltage slope
6
V/ns
EAS (3)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
-55 to 150
°C
Tj
Max. Operating Junction Temperature
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STN2NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
More results

Similar Description - STN2NF06L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Apr-1999
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
Mar-2000
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN3NE06 STMICROELECTRONICS-STN3NE06 Datasheet
94Kb / 8P
N - CHANNEL 60V - 0.08ohm- 3A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STQ2NF06L STMICROELECTRONICS-STQ2NF06L Datasheet
329Kb / 9P
N-CHANNEL 60V - 0.1 W - 2A TO-92 STripFET™ II POWER MOSFET
Oct-2003
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com