Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN2NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN2NF10
Description  N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN2NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STN2NF10 Datasheet HTML 1Page - STMicroelectronics STN2NF10 Datasheet HTML 2Page - STMicroelectronics STN2NF10 Datasheet HTML 3Page - STMicroelectronics STN2NF10 Datasheet HTML 4Page - STMicroelectronics STN2NF10 Datasheet HTML 5Page - STMicroelectronics STN2NF10 Datasheet HTML 6Page - STMicroelectronics STN2NF10 Datasheet HTML 7Page - STMicroelectronics STN2NF10 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
December 2001
.
STN2NF10
N-CHANNEL 100V - 0.23
Ω - 2A SOT-223
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.23 Ω
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™"
strip-based
process.
The
resulting
transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps therefore a remark-
able manufacturing reproducibility.
APPLICATIONS
s
DC-DC & DC-AC COVERTERS
s
DC MOTOR CONTROL (DISK DRIVERS, etc.)
s
SYNCHRONOUS RECTIFICATION
TYPE
VDSS
RDS(on)
ID
STN2NF10
100 V
< 0.26
Ω
2 A
1
2
2
3
SOT-223
ABSOLUTE MAXIMUM RATINGS
(
••) Pulse width limited by safe operating area.
(
•) Current limited by the package
(1) ISD ≤1A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID(•)
Drain Current (continuos) at TC = 25°C
2A
ID
Drain Current (continuos) at TC = 100°C
1.26
A
IDM(••)
Drain Current (pulsed)
8
A
Ptot
Total Dissipation at TC = 25°C
2.5
W
Derating Factor
0.02
W/°C
EAS(1)
Single Pulse Avalanche Energy
300
mJ
Tstg
Storage Temperature
-65 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STN2NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
logo
Guangdong Kexin Industr...
STN2NF10 KEXIN-STN2NF10 Datasheet
1Mb / 5P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
STN2NF10 VBSEMI-STN2NF10 Datasheet
977Kb / 6P
N-Channel 100-V (D-S) MOSFET
logo
STMicroelectronics
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results

Similar Description - STN2NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NE06 STMICROELECTRONICS-STN2NE06 Datasheet
84Kb / 8P
N-CHANNEL 60V - 0.18ohm - 2A - SOT-223 STripFET POWER MOSFET
Apr-1999
STN2NE10 STMICROELECTRONICS-STN2NE10 Datasheet
62Kb / 5P
N - CHANNEL 100V - 0.33 ohm - 2A - SOT-223 STripFET POWER MOSFET
Jan-1999
STN2NE10L STMICROELECTRONICS-STN2NE10L Datasheet
85Kb / 8P
N-CHANNEL 100V - 0.33ohm - 2A SOT-223 STripFET POWER MOSFET
Mar-2000
STN2NF06 STMICROELECTRONICS-STN2NF06 Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.12ohm - 2A - SOT-223 STripFET POWER MOSFET
Jul-1998
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
260Kb / 8P
N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN2NE10L STMICROELECTRONICS-STN2NE10L_07 Datasheet
235Kb / 12P
N-channel 100V - 0.33??-2A - SOT-223
01-Feb-2007
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com