Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1001T Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM1001T
Description  Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1001T Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM1001T Datasheet HTML 6Page - STMicroelectronics STM1001T Datasheet HTML 7Page - STMicroelectronics STM1001T Datasheet HTML 8Page - STMicroelectronics STM1001T Datasheet HTML 9Page - STMicroelectronics STM1001T Datasheet HTML 10Page - STMicroelectronics STM1001T Datasheet HTML 11Page - STMicroelectronics STM1001T Datasheet HTML 12Page - STMicroelectronics STM1001T Datasheet HTML 13Page - STMicroelectronics STM1001T Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
STM1001
12/14
PART NUMBERING
Table 6. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Table 7. Marking Description
Note: 1. Lowercase “x” indicates date code.
Example:
STM1001
L
WX
6
F
Device Type
STM1001
Reset Threshold Voltage
L = VRST = 4.50V to 4.75V
M = VRST = 4.25V to 4.50V
T = VRST = 3.00V to 3.15V
S = VRST = 2.85V to 3.00V
R = VRST = 2.55V to 2.70V
Package
WX = SOT23-3
Temperature Range
6 = –40 to 85°C
Shipping Method
F = ECOPACK Package, Tape & Reel
Part Number
Reset Threshold
Output
Topside Marking(1)
STM1001L
4.63V
Open Drain RST
8BAx
STM1001M
4.38V
Open Drain RST
8BBx
STM1001T
3.08V
Open Drain RST
8BCx
STM1001S
2.93V
Open Drain RST
8BDx
STM1001R
2.63V
Open Drain RST
8BEx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com