Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1001S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STM1001S
Description  Reset Circuit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1001S Datasheet(HTML) 4 Page - STMicroelectronics

  STM1001S Datasheet HTML 1Page - STMicroelectronics STM1001S Datasheet HTML 2Page - STMicroelectronics STM1001S Datasheet HTML 3Page - STMicroelectronics STM1001S Datasheet HTML 4Page - STMicroelectronics STM1001S Datasheet HTML 5Page - STMicroelectronics STM1001S Datasheet HTML 6Page - STMicroelectronics STM1001S Datasheet HTML 7Page - STMicroelectronics STM1001S Datasheet HTML 8Page - STMicroelectronics STM1001S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
STM1001
4/14
OPERATION
Reset Output
The
STM1001
MICROPROCESSOR
RESET
CIRCUIT asserts a reset signal to the MCU when-
ever VCC goes below the reset threshold (VRST).
RST is guaranteed valid down to VCC =1V (0° to
70°C).
During power-up, once VCC exceeds the reset
threshold an internal timer keeps RST low for the
reset time-out period, trec. After this interval, RST
returns high.
If VCC drops below the reset threshold, RST goes
low. Each time RST is asserted, it stays low for at
least the reset time-out period. Any time VCC goes
below the reset threshold, the internal timer clears.
The reset timer starts when VCC returns above the
reset threshold. The active-low reset (RST) is an
open drain output.
Negative-Going VCC Transients
The STM1001 is relatively immune to negative-go-
ing VCC transients (glitches). Figure 11., page 7
shows typical transient duration versus reset com-
parator overdrive (for which the STM1001 will
NOT generate a reset pulse). The graph was gen-
erated using a negative pulse applied to VCC,
starting at 0.5V above the actual reset threshold
and ending below it by the magnitude indicated
(comparator overdrive). The graph indicates the
maximum pulse width a negative VCC transient
can have without causing a reset pulse. As the
magnitude of the transient increases (further be-
low the threshold), the maximum allowable pulse
width decreases. Any combination of duration and
overdrive which lies under the curve will NOT gen-
erate a reset signal. Typically, a VCC transient that
goes 100mV below the reset threshold and lasts
20µs or less will not cause a reset pulse. A 0.1µF
bypass capacitor mounted as close as possible to
the VCC pin provides additional transient immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com