Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1810 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STM1810
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1810 Datasheet(HTML) 5 Page - STMicroelectronics

  STM1810 Datasheet HTML 1Page - STMicroelectronics STM1810 Datasheet HTML 2Page - STMicroelectronics STM1810 Datasheet HTML 3Page - STMicroelectronics STM1810 Datasheet HTML 4Page - STMicroelectronics STM1810 Datasheet HTML 5Page - STMicroelectronics STM1810 Datasheet HTML 6Page - STMicroelectronics STM1810 Datasheet HTML 7Page - STMicroelectronics STM1810 Datasheet HTML 8Page - STMicroelectronics STM1810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Description
5/25
1
Description
STM181x devices are low power reset devices used to monitor power supplies for
microcontrollers. They perform a single function: asserting a reset signal whenever VCC
supply voltage drops below a preset value and keeping it asserted until VCC has risen above
the preset threshold for a minimum period of time (trec). They provide excellent circuit
reliability without additional external components when used with +3.0 V / +3.3 V
(STM1815–STM1818), and +5 V (STM1810–STM1813) power supply systems.
A precision voltage reference and comparator monitors the VCC input for an out-of-tolerance
condition. When an invalid VCC condition occurs, the reset output (RST) is forced low (or
high in the case of RST) and remains asserted for trec after VCC rises above the reset
threshold. The STM1813/1818 also keep reset asserted for trec after the output is
momentarily pulled to ground by an external push-button switch.
The STM1812 and STM1817 have an active-high, push-pull output. The STM1810 and
STM1815 (push-pull) and STM1811, STM1813, STM1816, and STM1818 (Open Drain)
have an active-low RST output. The open drain devices
(STM1811/STM1813/STM1816/STM1818) also have an internal pull-up resistor to VCC. The
STM1813 and STM1818 feature a debounced manual reset feature that asserts a reset if
the RST pin is pulled low for more than 1.5 µs. When used to initiate manual reset, RST
debounces signals from devices such as mechanical switches. For devices with this feature,
the release of the external switch triggers the reset period.
The STM181x devices are guaranteed to output the correct logic state for VCC down to 1.0 V
(0 °C to +105 °C). They also provide a reset comparator designed to ignore fast transients
on VCC.
Reset thresholds are available between +2.55 V and +4.62 V. These small, low power
devices are ideal for use in portable equipment. All are available in the space-saving 3-pin
SOT23 package, and are specified from –40 °C to +105 °C. Figure 4 shows a typical
hardware hookup for STM181x devices to a Microcontroller.
Figure 2.
Logic diagram
1.
For STM1812, STM1817.
AI09648
VCC
STM181x
VSS
RST (RST)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com