Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G02STR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74V1G02STR
Description  SINGLE 2-INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G02STR Datasheet(HTML) 2 Page - STMicroelectronics

  74V1G02STR Datasheet HTML 1Page - STMicroelectronics 74V1G02STR Datasheet HTML 2Page - STMicroelectronics 74V1G02STR Datasheet HTML 3Page - STMicroelectronics 74V1G02STR Datasheet HTML 4Page - STMicroelectronics 74V1G02STR Datasheet HTML 5Page - STMicroelectronics 74V1G02STR Datasheet HTML 6Page - STMicroelectronics 74V1G02STR Datasheet HTML 7Page - STMicroelectronics 74V1G02STR Datasheet HTML 8Page - STMicroelectronics 74V1G02STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
74V1G02
2/9
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied.
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC
PIN N°
SYMBOL
NAME AND FUNCTION
1
1A
Data Input
2
1B
Data Input
4
1Y
Data Output
3
GND
Ground (0V)
5
VCC
Positive Supply Voltage
AB
Y
LL
H
LHL
HL
L
HH
L
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC +0.5
V
IIK
DC Input Diode Current
-20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2to 5.5
V
VI
Input Voltage
0to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC =3.3 ± 0.3V)
(VCC =5.0 ± 0.5V)
0 to 100
0to 20
ns/V
ns/V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com