Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G03STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G03STR
Description  SINGLE 2-INPUT OPEN DRAIN NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G03STR Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G03STR Datasheet HTML 1Page - STMicroelectronics 74V1G03STR Datasheet HTML 2Page - STMicroelectronics 74V1G03STR Datasheet HTML 3Page - STMicroelectronics 74V1G03STR Datasheet HTML 4Page - STMicroelectronics 74V1G03STR Datasheet HTML 5Page - STMicroelectronics 74V1G03STR Datasheet HTML 6Page - STMicroelectronics 74V1G03STR Datasheet HTML 7Page - STMicroelectronics 74V1G03STR Datasheet HTML 8Page - STMicroelectronics 74V1G03STR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2004
s
HIGH SPEED: tPD = 3.9ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G03 is an advanced high-speed CMOS
SINGLE 2-INPUT OPEN DRAIN NAND GATE
fabricated
with
sub-micron silicon gate and
double-layer metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
The device can, with an external pull-up resistor,
be used in wired AND configuration. This device
can also be used as a led driver in any other
application requiring current sink.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
74V1G03
SINGLE 2-INPUT OPEN DRAIN NAND GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G03STR
SOT323-5L
74V1G03CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G03STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G03S STMICROELECTRONICS-74V1G03S Datasheet
49Kb / 7P
SINGLE 2-INPUT OPEN DRAIN NAND GATE
Sep-1999
More results

Similar Description - 74V1G03STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G03 STMICROELECTRONICS-74V1G03 Datasheet
49Kb / 7P
SINGLE 2-INPUT OPEN DRAIN NAND GATE
Sep-1999
74V1T03 STMICROELECTRONICS-74V1T03 Datasheet
48Kb / 7P
SINGLE 2-INPUT OPEN DRAIN NAND GATE
Sep-1999
74VHC03 STMICROELECTRONICS-74VHC03 Datasheet
54Kb / 7P
QUAD 2-INPUT OPEN DRAIN NAND GATE
Jun-1999
74LX1G03 STMICROELECTRONICS-74LX1G03 Datasheet
115Kb / 10P
SINGLE 2-INPUT OPEN DRAIN NAND GATE
2004-Apr
logo
NXP Semiconductors
74LVC1G38 NXP-74LVC1G38 Datasheet
84Kb / 15P
2-input NAND gate; open drain
Rev. 03-27 August 2007
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_17 Datasheet
723Kb / 19P
Single 2-Input NAND Gate With Open-Drain Output
logo
Nexperia B.V. All right...
74LVC1G38-Q100 NEXPERIA-74LVC1G38-Q100 Datasheet
783Kb / 13P
2-input NAND gate; open drain
74LVC1G38 NEXPERIA-74LVC1G38 Datasheet
261Kb / 17P
2-input NAND gate; open drain
Rev. 10 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com