Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G02
Description  SINGLE 2-INPUT NOR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G02 Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G02 Datasheet HTML 1Page - STMicroelectronics 74V1G02 Datasheet HTML 2Page - STMicroelectronics 74V1G02 Datasheet HTML 3Page - STMicroelectronics 74V1G02 Datasheet HTML 4Page - STMicroelectronics 74V1G02 Datasheet HTML 5Page - STMicroelectronics 74V1G02 Datasheet HTML 6Page - STMicroelectronics 74V1G02 Datasheet HTML 7Page - STMicroelectronics 74V1G02 Datasheet HTML 8Page - STMicroelectronics 74V1G02 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2004
s
HIGH SPEED: tPD = 3.6ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G02 is an advanced high-speed CMOS
SINGLE 2-INPUT NOR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
74V1G02
SINGLE 2-INPUT NOR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G02STR
SOT323-5L
74V1G02CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G02 STMICROELECTRONICS-74V1G02 Datasheet
49Kb / 7P
SINGLE 2-INPUT NOR GATE
Oct-1999
74V1G02C STMICROELECTRONICS-74V1G02C Datasheet
49Kb / 7P
SINGLE 2-INPUT NOR GATE
Oct-1999
74V1G02S STMICROELECTRONICS-74V1G02S Datasheet
49Kb / 7P
SINGLE 2-INPUT NOR GATE
Oct-1999
More results

Similar Description - 74V1G02

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01 ROHM-BU4S01 Datasheet
39Kb / 4P
Single 2-input NOR gate
logo
NXP Semiconductors
74LVC1G02 PHILIPS-74LVC1G02 Datasheet
85Kb / 14P
Single 2-input NOR gate
2004 Sep 07
logo
STMicroelectronics
74LX1G02 STMICROELECTRONICS-74LX1G02 Datasheet
200Kb / 10P
SINGLE 2-INPUT NOR GATE
Oct-2002
logo
Unisonic Technologies
U74AUC1G02 UTC-U74AUC1G02_15 Datasheet
187Kb / 5P
SINGLE 2-INPUT NOR GATE
logo
ON Semiconductor
NL17SG02 ONSEMI-NL17SG02 Datasheet
93Kb / 9P
Single 2-Input NOR Gate
November, 2014 ??Rev. 6
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_15 Datasheet
1Mb / 16P
Single 2-Input NOR Gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_18 Datasheet
171Kb / 9P
Single 2-Input NOR Gate
November, 2018 ??Rev. 10
logo
Nexperia B.V. All right...
74LVC1G02-Q100 NEXPERIA-74LVC1G02-Q100 Datasheet
204Kb / 11P
Single 2-input NOR gate
logo
ON Semiconductor
MC74HC1G02 ONSEMI-MC74HC1G02_V01 Datasheet
290Kb / 10P
Single 2-Input NOR Gate
March, 2022?뭃ev. 12
MC74VHC1G02 ONSEMI-MC74VHC1G02_V01 Datasheet
183Kb / 14P
Single 2-Input NOR Gate
March, 2022 ??Rev. 22
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com