Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V1G86CTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V1G86CTR
Description  SINGLE EXCLUSIVE OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V1G86CTR Datasheet(HTML) 1 Page - STMicroelectronics

  74V1G86CTR Datasheet HTML 1Page - STMicroelectronics 74V1G86CTR Datasheet HTML 2Page - STMicroelectronics 74V1G86CTR Datasheet HTML 3Page - STMicroelectronics 74V1G86CTR Datasheet HTML 4Page - STMicroelectronics 74V1G86CTR Datasheet HTML 5Page - STMicroelectronics 74V1G86CTR Datasheet HTML 6Page - STMicroelectronics 74V1G86CTR Datasheet HTML 7Page - STMicroelectronics 74V1G86CTR Datasheet HTML 8Page - STMicroelectronics 74V1G86CTR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2004
s
HIGH SPEED: tPD = 4.8ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =8mA (MIN) at VCC =4.5V
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V1G86 is an advanced high-speed CMOS
SINGLE EXCLUSIVE OR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
74V1G86
SINGLE EXCLUSIVE OR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-5L
74V1G86STR
SOT323-5L
74V1G86CTR
SOT323-5L
SOT23-5L


Similar Part No. - 74V1G86CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G86C STMICROELECTRONICS-74V1G86C Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
More results

Similar Description - 74V1G86CTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V1G86 STMICROELECTRONICS-74V1G86 Datasheet
50Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
74V1T86 STMICROELECTRONICS-74V1T86 Datasheet
49Kb / 7P
SINGLE EXCLUSIVE OR GATE
Oct-1999
logo
Toshiba Semiconductor
TC7S86F TOSHIBA-TC7S86F Datasheet
201Kb / 5P
EXCLUSIVE OR GATE
TC7SET86F TOSHIBA-TC7SET86F Datasheet
171Kb / 5P
EXCLUSIVE OR GATE
logo
STMicroelectronics
74LX1G86 STMICROELECTRONICS-74LX1G86 Datasheet
119Kb / 10P
SINGLE EXCLUSIVE OR GATE
Apr-2004
logo
Toshiba Semiconductor
TC7SG86AFS TOSHIBA-TC7SG86AFS Datasheet
176Kb / 6P
EXCLUSIVE OR GATE
TC7SG86FE TOSHIBA-TC7SG86FE Datasheet
147Kb / 6P
EXCLUSIVE OR Gate
TC7SG86FU TOSHIBA-TC7SG86FU Datasheet
152Kb / 6P
EXCLUSIVE OR Gate
TC7SH86FE TOSHIBA-TC7SH86FE Datasheet
149Kb / 5P
Exclusive OR Gate
logo
STMicroelectronics
74V1T86 STMICROELECTRONICS-74V1T86_04 Datasheet
111Kb / 9P
SINGLE EXCLUSIVE OR GATE
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com