Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1403ASNQ6F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM1403ASNQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1403ASNQ6F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM1403ASNQ6F Datasheet HTML 17Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 18Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 19Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 20Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 21Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 22Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 23Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 24Page - STMicroelectronics STM1403ASNQ6F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
STM1403
Typical operating characteristics
21/35
Figure 19.
RST response time (assertion)
Figure 20.
Power-fail comparator response time (assertion)
Figure 21.
Power-fail comparator response time (de-assertion)
AI09151b
2 µs/div
0.0
1.0
2.0
3.0
4.0
VCC
VRST
2µs/div
AI09153b
0.0
1.0
2.0
3.0
4.0
1.15
1.20
1.25
1.30
1.35
1.40
1.45
PFO
PFI
2 µs/div
AI09154
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.15
1.20
1.25
1.30
1.35
1.40
1.45
PFI
PFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com