Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6904TZEDS6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6904TZEDS6F
Description  Quad, ultralow voltage supervisor with push-button reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6904TZEDS6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6904TZEDS6F Datasheet HTML 5Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 6Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 7Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 8Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 9Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 10Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 11Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 12Page - STMicroelectronics STM6904TZEDS6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STM6904
Pin descriptions
9/21
Figure 4.
Typical hardware hookup application diagram
1.
TRSEL must be tied to VCC (trec = 420 ms) or to VSS (trec = 210 ms).
VCC
VIN2
VCC1
MR
0.1 F
STM6904
R1
From DC/DC Converter
R2
VCC2
VCC3
0.1 F
VTRIP = (600mV)
(
R3 + R4
R4
)
Push-button
Switch
R3
R4
VSS
RST
RST (To Processor Reset)
VCC4
VCC
TRSEL
(1)
VIN4
VIN3
VTRIP = (600mV)
(
R1 + R2
R2
)
ai13979



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com