Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STMPE811 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STMPE811
Description  8-bit port expander with advanced touchscreen controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STMPE811 Datasheet HTML 19Page - STMicroelectronics STMPE811 Datasheet HTML 20Page - STMicroelectronics STMPE811 Datasheet HTML 21Page - STMicroelectronics STMPE811 Datasheet HTML 22Page - STMicroelectronics STMPE811 Datasheet HTML 23Page - STMicroelectronics STMPE811 Datasheet HTML 24Page - STMicroelectronics STMPE811 Datasheet HTML 25Page - STMicroelectronics STMPE811 Datasheet HTML 26Page - STMicroelectronics STMPE811 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
STMPE811
Interrupt system
23/54
INT_EN
Interrupt enable register
Address:
0x0A
Type:
R/W
Reset:
0x00
Description:
The interrupt enable register is used to enable the interruption from a system related
interrupt source to the host.
INT_STA
Interrupt status register
Address:
0x0B
Type:
R
Reset:
0x10
Description:
The interrupt status register monitors the status of the interruption from a particular
interrupt source to the host. Regardless of whether the INT_EN bits are enabled, the
INT_STA bits are still updated. Writing '1' to this register clears the corresponding
bits. Writing '0' has no effect.
7654
3
2
1
0
GPIO
ADC
TEMP_SENS FIFO_EMPTY
FIFO_FULL
FIFO_0FLOW
FIFO_TH
TOUCH_DET
[7] GPIO: Any enabled GPIO interrupts
[6] ADC: Any enabled ADC interrupts
[5] TEMP_SENS: Temperature threshold triggering
[4] FIFO_EMPTY: FIFO is empty
[3] FIFO_FULL: FIFO is full
[2] FIFO_OFLOW: FIFO is overflowed
[1] FIFO_TH: FIFO is above threshold
[0] TOUCH_DET: Touch is detected
7654
3
2
1
0
GPIO
ADC
TEMP_SENS FIFO_EMPTY
FIFO_FULL
FIFO_OFLOW
FIFO_TH
TOUCH_DET
[7] GPIO: Any enabled GPIO interrupts
[6] ADC: Any enabled ADC interrupts
[5] TEMP_SENS: Temperature threshold triggering
[4] FIFO_EMPTY: FIFO is empty
[3] FIFO_FULL: FIFO is full
[2] FIFO_OFLOW: FIFO is overflowed
[1] FIFO_TH: FIFO is above threshold
[0] TOUCH_DET: Touch is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com