Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD1412PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STOD1412PUR
Description  Step-up and inverting DC-DC converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1412PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STOD1412PUR Datasheet HTML 5Page - STMicroelectronics STOD1412PUR Datasheet HTML 6Page - STMicroelectronics STOD1412PUR Datasheet HTML 7Page - STMicroelectronics STOD1412PUR Datasheet HTML 8Page - STMicroelectronics STOD1412PUR Datasheet HTML 9Page - STMicroelectronics STOD1412PUR Datasheet HTML 10Page - STMicroelectronics STOD1412PUR Datasheet HTML 11Page - STMicroelectronics STOD1412PUR Datasheet HTML 12Page - STMicroelectronics STOD1412PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
STOD1412
Introduction
9/21
5
Introduction
The STOD1412 is a dual DC-DC converter which produces one positive and one negative
output voltage that are each independently regulated and the values of which can be
adjusted with external resistors. Each DC-DC converter is able to supply up to 120 mA of
current with input voltage ranging from 2.7 V and 5.5 V. The device uses a fixed-frequency
PWM controller at 1.3 MHz. This control scheme simplifies noise filtering in sensitive
applications and provides excellent line regulation.
The operation of the STOD1412 can be best understood by referring to the block diagram in
Figure 3, where the step-up control circuit is shown, and a similar scheme is adopted for the
inverting section. At the start of each oscillator cycle, the SR latch is set, which turns on
power switch SW1. A voltage proportional to the switch current is added to the sawtooth
ramp and the resulting sum is fed into the positive terminal of the PWM comparator A2.
When this voltage exceeds the level of the negative input of A2, the SR latch is reset, thus
turning off the power switch. The voltage level of the negative input of A2 is set by the error
amplifier A1, and it is simply an amplified version of the difference between the feedback
voltage and the reference voltage. In this manner, the error amplifier sets the correct peak
current level necessary to keep the output in regulation. If the error amplifier output
increases, more current is delivered to the output; if it decreases, less current is delivered.
The device also has a current limit circuit (not shown in Figure 2). The switch current is
constantly monitored and not allowed to exceed the preset maximum switch current (IL1-
max, IL2-max). If the switch current reaches this value, the SR latch is reset regardless of
the state of comparator A2. This current limit helps protecting the power switch as well as
the external components connected to the device.
The step up converter works in continuous mode detector (CMD) in the entire line and load
range, while the inverting converter can work in both discontinuous mode detector (DMD)
and CMD.
Figure 3.
PWM control scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com