Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOD1812 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STOD1812
Description  Power supply for PMOLED display panel
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOD1812 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STOD1812 Datasheet HTML 7Page - STMicroelectronics STOD1812 Datasheet HTML 8Page - STMicroelectronics STOD1812 Datasheet HTML 9Page - STMicroelectronics STOD1812 Datasheet HTML 10Page - STMicroelectronics STOD1812 Datasheet HTML 11Page - STMicroelectronics STOD1812 Datasheet HTML 12Page - STMicroelectronics STOD1812 Datasheet HTML 13Page - STMicroelectronics STOD1812 Datasheet HTML 14Page - STMicroelectronics STOD1812 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STOD1812
Typical application performance
11/19
8
Typical application performance
(VO = 18 V, L = 2.2 µH, CI = CO = 4.7 µF, R1 = 270 kΩ, R2 = 20 kΩ)
Figure 8.
Efficiency vs output current
Figure 9.
Efficiency vs input voltage
Figure 10.
Efficiency vs temperature
Figure 11.
Frequency vs temperature
Figure 12.
Line transient
Figure 13.
Load transient response
VI = from 2.5 V to 3 V, IO = 120 mA, VI (tRISE = tFALL) = 50µs,
T = 25 °C
VI = 3.6 V, IO from 5mA to 120mA, tRISE = tFALL = 10 µs,
T = 25 °C
V
I = VEN = 3.6 V, IO = from 5 mA to 120 mA, T = 25°C
40
50
60
70
80
90
100
0
20
40
60
80
100
120
I
O [mA]
V
I = VEN = 3.6 V, IO = from 5 mA to 120 mA, T = 25°C
40
50
60
70
80
90
100
0
20
40
60
80
100
120
I
O [mA]
V
I = VEN = from 2.5 V to 5.5 V, IO = 120 mA, T = 25 °C
40
50
60
70
80
90
100
2.53
3.54
4.5
5
5.5
V
I [V]
V
I = VEN = from 2.5 V to 5.5 V, IO = 120 mA, T = 25 °C
40
50
60
70
80
90
100
2.53
3.54
4.5
5
5.5
V
I [V]
V
I = VEN = 3.6 V, IO = 120 mA
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
I = VEN = 3.6 V, IO = 120 mA
40
50
60
70
80
90
100
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN = VEN = 3.6 V, IO = 80 mA
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
V
IN = VEN = 3.6 V, IO = 80 mA
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
-75
-50
-25
0
25
50
75
100
125
150
175
T [°C]
I
O
V
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com