Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1404CSNCQ6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM1404CSNCQ6F
Description  3 V FIPS-140 security supervisor with battery switchover
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1404CSNCQ6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM1404CSNCQ6F Datasheet HTML 9Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 10Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 11Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 12Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 13Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 14Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 15Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 16Page - STMicroelectronics STM1404CSNCQ6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
STM1404
Pin descriptions
13/36
2.9
VREF, reference voltage output (1.237, typ)
This is valid only when VCC is between 2.4 V and 3.6 V. When VCC falls below 2.4 V (VSW),
VREF is pulled to ground with an internal 100 kΩ resistor. This is an optional feature
available on the STM1404A. On the STM1404B/C, this pin is VTPU (internally switched VCC
or VBAT). If unused, this pin should float.
2.10
VOUT
This is the supply voltage output. When VCC rises above VSO (battery backup switchover
voltage), VOUT is supplied from VCC. In this condition, VOUT may be connected externally to
VCC through a p-channel MOSFET switch. When VCC falls below the lower value of VSW
(~2.4 V), or VBAT, VOUT is supplied from VBAT. It is recommended that the VOUT pin be
connected externally to a capacitor that will retain a charge for a period of time, in case an
intruder forces VCC or VBAT to ground. The rectifying diode connected from the positive
terminal of the battery to the VBAT pin of the STM1404 will prevent discharge of the
capacitor. Three variations of parts will be offered with the following options:
1.
STM1404A: VOUT remains ON when SAL is active-low; Vccsw pin will continue to
operate in normal mode (see Section 2.3.1: Vccsw, VCC switch output on page 11);
2.
STM1404B: VOUT is taken to High-Z when SAL is active-low; Vccsw pin will be set to
high when this occurs; and
3.
STM1404C: VOUT is driven to ground when SAL is active-low; Vccsw pin will be set to
high when this occurs.
2.11
VTPU
For STM1404B and STM1404C, this pin provides pull-up voltage for the physical tamper
pins (TP1-4). This pin is not to be used as voltage supply source for any other purpose.
Note:
VTPU is the internally switched supply voltage from either the VCC pin or the VBAT pin.
2.12
VCC
This is the supply voltage (2.2 V to 3.6 V).
2.13
VBAT
This is the secondary (backup battery) supply voltage. The pin is connected to the positive
terminal of the battery with a rectifying diode like the BAT54J from STMicroelectronics for
reverse charge protection. Voltage at this pin, after diode rectification, will be approximately
0.2 V less than the battery voltage, and will depend on the type of battery used as well as
the IBAT being drawn. (A capacitor of at least 1.0 µF connected between the VBAT pin and
VSS is required.) If no battery is used, connect the VBAT pin to the VCC pin.
2.14
VSS
Ground, VSS, is the reference for the power supply. It must be connected to system ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com