Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TL431
Description  Programmable voltage reference
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431 Datasheet(HTML) 5 Page - STMicroelectronics

  TL431_08 Datasheet HTML 1Page - STMicroelectronics TL431_08 Datasheet HTML 2Page - STMicroelectronics TL431_08 Datasheet HTML 3Page - STMicroelectronics TL431_08 Datasheet HTML 4Page - STMicroelectronics TL431_08 Datasheet HTML 5Page - STMicroelectronics TL431_08 Datasheet HTML 6Page - STMicroelectronics TL431_08 Datasheet HTML 7Page - STMicroelectronics TL431_08 Datasheet HTML 8Page - STMicroelectronics TL431_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TL431
Electrical characteristics
5/15
Reference input voltage deviation over temperature range
ΔVref is defined as the difference between the maximum and minimum values obtained over
the full temperature range.
ΔVref = Vref max - Vref min
Figure 4.
Reference input voltage deviation over temperature range
Table 4.
Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
TL431I
TL431AI
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vref
Reference input voltage
VKA = Vref , Ik = 10 mA, Tamb = 25°C
Tmin ≤ Tamb ≤ Tmax
2.44
2.41
2.495
2.55
2.58
2.47
2.44
2.495
2.52
2.55
V
ΔVref
Reference input voltage deviation over temperature
range (1)
VKA = Vref , Ik =10 mA, Tmin≤ Tamb≤ Tmax
730
7
30
mV
Ratio of change in reference input voltage to change
in cathode to anode voltage
Ik = 10mA, ΔVKA = 10V to Vref
ΔVKA = 36V to 10V
-2.7
-2
-1.4
-1
-2.7
-2
-1.4
-1
mV/V
Iref
Reference input current
Ik = 10mA, R1 = 10kΩ, R2 = ∞
Tamb = 25°C
Tmin ≤ Tamb ≤Tmax
1.8
4
6.5
1.8
4
6.5
µA
ΔIref
Reference input current deviation over temperature
range
Ik = 10mA, R1 = 10kΩ, R2 = ∞
Tmin ≤ Tamb ≤ Tmax
0.8
2.5
0.8
1.2
µA
Imin
Minimum cathode current for regulation
VKA = Vref
0.5
1
0.5
0.7
mA
Ioff
Off-state cathode current
2.6
1000
2.6
1000
nA
⏐ ZKA⏐
Dynamic impedance (2)
VKA = Vref , Δ Ik = 1 to100mA, f ≤ 1kHZ
0.22
0.5
0.22
0.5
Ω
1.
See definition of Reference input voltage deviation over temperature range below.
2.
The dynamic impedance is defined as
| ZKA| =
ΔVref
ΔVka
------------
ΔV
KA
I
k
Δ
---------------
T1
T2
Temperature
V ref max.
V ref min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com