Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM1815LRWX7F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM1815LRWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1815LRWX7F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM1815LRWX7F Datasheet HTML 17Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 18Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 19Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 20Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 21Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 22Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 23Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 24Page - STMicroelectronics STM1815LRWX7F Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Part numbering
23/25
Table 12.
Marking description
Part Number
Reset Threshold
Output
Topside Marking(1)
1.
x = letter assigned to indicate assembly work week (i.e., A = WW01 and WW02, B = WW03 and WW04,
C = WW05 and WW06..., Z = WW51, WW52, and WW53).
STM1810L
4.62 V
Push-pull RST
9AAx
STM1810M
4.37 V
Push-pull RST
9ABx
STM1811L
4.62 V
Open Drain RST
9AHx
STM1811M
4.37 V
Open Drain RST
9AJx
STM1812L
4.62 V
Push-pull RST
9AQx
STM1812M
4.37 V
Push-pull RST
9ARx
STM1813L
4.62 V
Open Drain RST
9AXx
STM1813M
4.37 V
Open Drain RST
9AYx
STM1815T
3.06 V
Push-pull RST
9BGx
STM1815S
2.88 V
Push-pull RST
9BHx
STM1815R
2.55 V
Push-pull RST
9BJx
STM1816T
3.06 V
Open Drain RST
9BPx
STM1816S
2.88 V
Open Drain RST
9BQx
STM1816R
2.55 V
Open Drain RST
9BRx
STM1817T
3.06 V
Push-pull RST
9BWx
STM1817S
2.88 V
Push-pull RST
9BXx
STM1817R
2.55 V
Push-pull RST
9BYx
STM1818T
3.06 V
Open Drain RST
9CDx
STM1818S
2.88 V
Open Drain RST
9CEx
STM1818R
2.55 V
Open Drain RST
9CFx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com