Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4040 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4040
Description  2.5V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4040 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4040 Datasheet HTML 1Page - STMicroelectronics TS4040 Datasheet HTML 2Page - STMicroelectronics TS4040 Datasheet HTML 3Page - STMicroelectronics TS4040 Datasheet HTML 4Page - STMicroelectronics TS4040 Datasheet HTML 5Page - STMicroelectronics TS4040 Datasheet HTML 6Page - STMicroelectronics TS4040 Datasheet HTML 7Page - STMicroelectronics TS4040 Datasheet HTML 8Page - STMicroelectronics TS4040 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS4040
Electrical characteristics
5/9
Figure 7.
Test circuit for pulse response at
Ik=100µA
Figure 8.
Pulse response for Ik=100µA
Ik=100µA
25k ohm
Pulse
Generator
Test circuit for pulse response at Ik=100µA
Pulse response for Ik=100µA
0
5
0
2.5
0
5
10
15
20
Time (µs)
Input
Output
Figure 9.
Test circuit for pulse response at
Ik=100µA (detailed part)
Figure 10.
Test circuit for pulse response at
Ik=100µA (detailed part)
Pulse response for Ik=100µA
Detailed part
00.5
11.5
2
Time (µs)
0V
5V
2.5V
0V
Input
Output
Pulse response for Ik=100µA
Detailed part
01
2
3
4
5
Time (µs)
0V
5V
0V
2.5V
Input
Output
Figure 11.
Test circuit for pulse response at
Ik=1mA
Figure 12.
Pulse response at Ik=1mA
Ik=1mA
Pulse
Generator
Test circuit for pulse response at Ik=1mA
2.5k ohm
Pulse response for Ik=1mA
0V
5V
0V
2.5V
0
1
23
45
Time (µs)
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com