Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905SYCDS6F Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM6905SYCDS6F
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905SYCDS6F Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM6905SYCDS6F Datasheet HTML 7Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 8Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 9Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 10Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 11Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 12Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 13Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 14Page - STMicroelectronics STM6905SYCDS6F Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
STM6905
Maximum rating
11/19
5
Maximum rating
Stressing the device above the rating listed in the "Absolute maximum ratings" table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC off)
-55 to +150
°C
TSLD
(1)
1.
Reflow at peak temperature of 255°C to 260°C for < 30 seconds (total thermal budget not to exceed
180°C for between 90 to 150 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
-0.3 to VCC +0.3
V
VCC
Supply voltage
-0.3 to 7.0
V
IO
Output current
20
mA
θJA
Thermal resistance (junction to ambient)
146
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com