Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4041 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4041
Description  1.225V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4041 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4041 Datasheet HTML 1Page - STMicroelectronics TS4041 Datasheet HTML 2Page - STMicroelectronics TS4041 Datasheet HTML 3Page - STMicroelectronics TS4041 Datasheet HTML 4Page - STMicroelectronics TS4041 Datasheet HTML 5Page - STMicroelectronics TS4041 Datasheet HTML 6Page - STMicroelectronics TS4041 Datasheet HTML 7Page - STMicroelectronics TS4041 Datasheet HTML 8Page - STMicroelectronics TS4041 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TS4041
Electrical characteristics
5/9
Figure 1.
Reference voltage versus cathode
current
Figure 2.
Reference voltage versus cathode
current
-1
-0.5
00.5
1
1.5
Reference voltage (V)
-8
-4
0
4
8
12
-1
-0.5
0
0.5
1
1.5
Reference voltage (V)
-50
0
50
100
Figure 3.
Test circuit
Figure 4.
Reference voltage versus
temperature
Ik=(Vin-Vref)/R
Vout=Vref
R
-40
-20
0
20
40
60
80
Temperature (°C)
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
+0.5%
-0.5%
-1%
+1%
-2%
+2%
Figure 5.
Static impedance versus
temperature
Figure 6.
Noise voltage versus frequency
-40
-20
0
20
40
60
80
Temperature (°C)
0.2
0.21
0.22
0.23
0.24
0.25
0
1
10
100
1,000
10,000
Frequency (kHz)
0
200
400
600
800
CL=10µF
CL=0µF
CL=100µF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com