Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN4NF03L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN4NF03L
Description  N-CHANNEL 30V - 0.039ohm - 6.5A SOT-223 STripFET™ II POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN4NF03L Datasheet(HTML) 1 Page - STMicroelectronics

  STN4NF03L Datasheet HTML 1Page - STMicroelectronics STN4NF03L Datasheet HTML 2Page - STMicroelectronics STN4NF03L Datasheet HTML 3Page - STMicroelectronics STN4NF03L Datasheet HTML 4Page - STMicroelectronics STN4NF03L Datasheet HTML 5Page - STMicroelectronics STN4NF03L Datasheet HTML 6Page - STMicroelectronics STN4NF03L Datasheet HTML 7Page - STMicroelectronics STN4NF03L Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
December 2002
STN4NF03L
N-CHANNEL 30V - 0.039
Ω -6.5A SOT-223
STripFET™ II POWER MOSFET
(1) Starting Tj=25°C, ID=6.5A, VDD=15V
s
TYPICAL RDS(on) = 0.039Ω
s
LOW THRESHOLD DRIVE
DESCRIPTION
This Power Mosfet is the latest development of STMi-
croelectronics unique “Single Feature Size™
” strip-
based process. The resulting transistor shows ex-
tremely high packing density for low on-resistance,
rugged avalance characteristics and less critical align-
ment steps therefore a remarkable manufacturing re-
producibility.
APPLICATIONS
s
DC-DC & DC-AC CONVERTERS
s
DC MOTOR CONTROL (DISK DRIVES, etc.)
s
SYNCHRONOUS RECTIFICATION
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STN4NF03L
30V
<0.05
Ω
6.5A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS =0)
30
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
30
V
VGS
Gate- source Voltage
±16
V
ID
Drain Current (continuous) at TC = 25°C
6.5
A
ID
Drain Current (continuous) at TC = 100°C
4.5
A
IDM ( )
Drain Current (pulsed)
26
A
PTOT
Total Dissipation at TC = 25°C
3.3
W
Derating Factor
0.026
W/°C
EAS (1)
Single Pulse Avalanche Energy
200
mJ
Tstg
Storage Temperature
–55 to 175
°C
Tj
Operating Junction Temperature
SOT-223
1
2
2
3
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STN4NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
STN4NF03L STMICROELECTRONICS-STN4NF03L Datasheet
232Kb / 12P
N-channel 30 V - 0.039 Ω - 6.5 A - SOT-223 STripFET??II Power MOSFET
11-Dec-2007
logo
VBsemi Electronics Co.,...
STN4NF03L VBSEMI-STN4NF03L Datasheet
982Kb / 8P
N-Channel 30 V (D-S) MOSFET
logo
STMicroelectronics
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
STN4NF03L STMICROELECTRONICS-STN4NF03L_07 Datasheet
232Kb / 12P
N-channel 30 V - 0.039 Ω - 6.5 A - SOT-223 STripFET??II Power MOSFET
11-Dec-2007
More results

Similar Description - STN4NF03L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STN2NF06L STMICROELECTRONICS-STN2NF06L Datasheet
290Kb / 8P
N-CHANNEL 60V - 0.1 ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Nov-2002
STN2NF10 STMICROELECTRONICS-STN2NF10 Datasheet
259Kb / 8P
N-CHANNEL 100V - 0.23ohm - 2A SOT-223 STripFET™ II POWER MOSFET
Dec-2001
STN3NF06 STMICROELECTRONICS-STN3NF06 Datasheet
283Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3NF06L STMICROELECTRONICS-STN3NF06L Datasheet
286Kb / 8P
N-CHANNEL 60V - 0.07ohm - 4A SOT-223 STripFET™ II POWER MOSFET
Dec-2002
STN3PF06 STMICROELECTRONICS-STN3PF06 Datasheet
118Kb / 6P
P-CHANNEL 60V - 0.18ohm - 3A SOT-223 STripFET™ II POWER MOSFET
Jan-2001
STN4NE03 STMICROELECTRONICS-STN4NE03 Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.045ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NE03L STMICROELECTRONICS-STN4NE03L Datasheet
91Kb / 8P
N - CHANNEL 30V - 0.037ohm - 4A - SOT-223 STripFET POWER MOSFET
Aug-1998
STN4NF03L STMICROELECTRONICS-STN4NF03L_06 Datasheet
228Kb / 12P
N-channel 30V - 0.039ohm - 6.5A - SOT-223 STripFET II Power MOSFET
09-Oct-2006
STN2NF10 STMICROELECTRONICS-STN2NF10_07 Datasheet
248Kb / 13P
N-channel 100V - 0.23廓 - 2.4A - SOT-223 STripFET??II Power MOSFET
04-Apr-2007
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com