Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWD100NWW83F Datasheet(PDF) 8 Page - STMicroelectronics

Part # STWD100NWW83F
Description  Watchdog timer circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWD100NWW83F Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STWD100NWW83F Datasheet HTML 4Page - STMicroelectronics STWD100NWW83F Datasheet HTML 5Page - STMicroelectronics STWD100NWW83F Datasheet HTML 6Page - STMicroelectronics STWD100NWW83F Datasheet HTML 7Page - STMicroelectronics STWD100NWW83F Datasheet HTML 8Page - STMicroelectronics STWD100NWW83F Datasheet HTML 9Page - STMicroelectronics STWD100NWW83F Datasheet HTML 10Page - STMicroelectronics STWD100NWW83F Datasheet HTML 11Page - STMicroelectronics STWD100NWW83F Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Operation
STWD100
8/25
Figure 4.
Open drain WDO output connection
2.3
Chip-enable input (EN)
All states mentioned in Section 2.1: Watchdog input (WDI) and Section 2.2: Watchdog
output (WDO) are valid under the condition that EN is in logical low state.
The behavior of EN is common to all versions (i.e. STWD100xP, STWD100xW, STWD100xX
and STWD100xY).
If the EN goes high after power-up in less than tWD from the moment that VCC exceeds the
timer startup voltage, VSTART, the WDO will stay high for the same time period as EN, plus
tWD (see Figure 10).
If the EN goes high anytime during normal operation, the WDO will go high as well, but the
minimum possible WDO pulse width is 10 µs (see Figure 10).
The pulses on the EN pin with a duration of at least 1 µs are detected and glitches shorter
than 100 ns are ignored.
2.4
Applications information
2.4.1
Interfacing to microprocessors with bidirectional reset pins
Microprocessors with bidirectional reset pins can contend with the STWD100 watchdog
output, WDO. For example, if the WDO output is driven high and the micro wants to pull it
low, signal contention will result. To prevent this from occurring, connect a 4.7 k
Ω resistor
between the WDO output and the micro's reset I/O as in Figure 5.
VCC
GND
WDI
EN
+3.3 V
10 k
GND
AI12645a
+5.0 V
5 V System
WDO
STWD100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com