Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6905SFFDS6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM6905SFFDS6F
Description  Quintuple, ultralow voltage supervisor with push-button reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6905SFFDS6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM6905SFFDS6F Datasheet HTML 5Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 6Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 7Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 8Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 9Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 10Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 11Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 12Page - STMicroelectronics STM6905SFFDS6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
STM6905
Operation
9/19
3
Operation
The STM6905 provides the ability to monitor critical voltages such as power-supply and
battery voltage levels, while interfacing easily to the system controllers/microprocessors.
Figure 4 shows typical hardware hookup for monitoring five voltages; two fixed thresholds
(customer-selectable, factory-programmed ) and three adjustable monitor inputs. RST
output is open drain and requires a 10k ohms pull-up resistor tied to VCC.
3.1
Setting the adjustable voltage levels for V3IN, V4IN, and V5IN
inputs
The user can customize the minimum voltage levels for the three adjustable voltage inputs
by connecting an external resistor divider network to the V3IN, V4IN and V5IN pins in order
to set the trip point at some voltage above the 600 mv (VREF) according to the following
formula.
During normal operation, the STM6905 monitors the voltage levels at all the five pins (Vcc,
V2IN, V3IN, V4IN and V5IN).
3.2
Power on reset (tREC)
On power up, the STM6905 activates a power on reset circuit which asserts the reset pin
(i.e. RST goes low). The RST signal remains active until VCC (and V2IN, V3IN, V4IN, V5IN
and MR) rises above the minimum voltage level for the time period tREC thereby ensuring
that the supply voltage has stabilized to sufficient operating levels.
2
2
1
6
.
0
R
R
R
V
VTRIP
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com