Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM103
Description  DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM103 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM103 Datasheet HTML 1Page - STMicroelectronics TSM103 Datasheet HTML 2Page - STMicroelectronics TSM103 Datasheet HTML 3Page - STMicroelectronics TSM103 Datasheet HTML 4Page - STMicroelectronics TSM103 Datasheet HTML 5Page - STMicroelectronics TSM103 Datasheet HTML 6Page - STMicroelectronics TSM103 Datasheet HTML 7Page - STMicroelectronics TSM103 Datasheet HTML 8Page - STMicroelectronics TSM103 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
OPERATIONAL AMPLIFIER
s LOW INPUT OFFSET VOLTAGE : 0.5mV
typ.for TSM103A
s LOW SUPPLY CURRENT : 350
µA/op.
(@ V
CC = 5V)
s MEDIUM BANDWIDTH (unity gain) : 0.9MHz
s LARGE OUTPUT VOLTAGE SWING : 0V to
(V
CC - 1.5V)
s INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
s WIDE POWER SUPPLY RANGE : 3 to 32V
±1.5 TO ±16V
VOLTAGE REFERENCE
s FIXED OUTPUT VOLTAGE REFERENCE 2.5V
s 0.4% AND 1% VOLTAGE PRECISION
s SINK CURRENT CAPABILITY : 1 to 100mA
s TYPICAL OUTPUT IMPEDANCE : 0.2
Ω
DESCRIPTION
The TSM103 is a monolithic IC that includes one
independent op-amp and another op-amp for
which the non inverting input is wired to a 2.5V
fixed Voltage Reference. This device is offering
space and cost saving in many applications like
power supply management or data acquisition
systems.
ORDER CODE
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
D
TSM103I/AI
-40°C, +105°C
•
D
SO8
(Plastic Micropackage)
1
2
3
4
5
6
7
8
Output 1
V
CC
+
Non-inverting Input 1
Inverting Input 1
Output 2
Non-inverting Input 2
Inverting Input 2
V
CC
-
OP1
OP2
+
+
-
-
VRef
TSM103/A
DUAL OPERATIONAL AMPLIFIER AND
VOLTAGE REFERENCE
January 2003
NOT FOR NEW DESIGN - REPLACED BY TSM103W


Similar Part No. - TSM103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM103 STMICROELECTRONICS-TSM103 Datasheet
112Kb / 10P
DUALOPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Feb-1999
logo
ARTSCHIP ELECTRONICS CO...
TSM103 ARTSCHIP-TSM103 Datasheet
748Kb / 10P
DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSM103A STMICROELECTRONICS-TSM103A Datasheet
112Kb / 10P
DUALOPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Feb-1999
TSM103AD STMICROELECTRONICS-TSM103AD Datasheet
112Kb / 10P
DUALOPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Feb-1999
TSM103AI STMICROELECTRONICS-TSM103AI Datasheet
112Kb / 10P
DUALOPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Feb-1999
More results

Similar Description - TSM103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A Datasheet
62Kb / 8P
Dual Operational Amplifier and Voltage Reference
December, 2003 ??Rev. 2
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM106 STMICROELECTRONICS-TSM106 Datasheet
90Kb / 6P
Dual Operational Amplifier and Voltage Reference
Oct-2004
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
STMicroelectronics
TSM103W STMICROELECTRONICS-TSM103W Datasheet
54Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_09 Datasheet
145Kb / 7P
Dual Operational Amplifier and Voltage Reference
August, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com