Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN749 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN749
Description  MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN749 Datasheet(HTML) 1 Page - STMicroelectronics

  STN749 Datasheet HTML 1Page - STMicroelectronics STN749 Datasheet HTML 2Page - STMicroelectronics STN749 Datasheet HTML 3Page - STMicroelectronics STN749 Datasheet HTML 4Page - STMicroelectronics STN749 Datasheet HTML 5Page - STMicroelectronics STN749 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
STN749
MEDIUM CURRENT, HIGH PERFORMANCE,
LOW VOLTAGE PNP TRANSISTOR
s
VERY LOW COLLECTOR TO EMITTER
SATURATION VOLTAGE
s
DC CURRENT GAIN, hFE > 100
s
3 A CONTINUOUS COLLECTOR CURRENT
s
SOT-223 PLASTIC PACKAGE FOR
SURFACE MOUNTING CIRCUITS
s
AVAILABLE IN TAPE AND REEL PACKING
APPLICATIONS
s
POWER MANAGEMENT IN PORTABLE
EQUIPMENT
s
VOLTAGE REGULATION IN BIAS SUPPLY
CIRCUITS
s
SWITCHING REGULATOR IN BATTERY
CHARGER APPLICATIONS
s
HEAVY LOAD DRIVER
DESCRIPTION
The device is manufactured in low voltage PNP
Planar Technology by using a "Base Island"
layout.
The resulting Transistor shows exceptional high
gain
performance
coupled
with
very
low
saturation voltage.
INTERNAL SCHEMATIC DIAGRAM
March 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
-35
V
VCEO
Collector-Emitter Voltage (IB = 0)
-25
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-3
A
ICM
Collector Peak Current (tp < 5 ms)
-6
A
Ptot
Total Dissipation at Tamb = 25
o C
1.6
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
1
2
2
3
SOT-223
Ordering Code
Marking
STN749
N749
®
1/6


Similar Part No. - STN749

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN7120DN STANSON-STN7120DN Datasheet
879Kb / 6P
N Channel Enhancement Mode MOSFET
logo
STMicroelectronics
STN715 STMICROELECTRONICS-STN715 Datasheet
57Kb / 5P
NPN MEDIUM POWER TRANSISTORS
Apr-2002
STN715 STMICROELECTRONICS-STN715 Datasheet
138Kb / 8P
NPN low voltage transistors
08-Feb-2010
STN724 STMICROELECTRONICS-STN724 Datasheet
130Kb / 10P
NPN MEDIUM POWER TRANSISTORS
12-Oct-2005
STN724 STMICROELECTRONICS-STN724 Datasheet
216Kb / 11P
NPN medium power transistors
17-Jul-2006
More results

Similar Description - STN749

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN790A STMICROELECTRONICS-STN790A Datasheet
125Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STX790A STMICROELECTRONICS-STX790A Datasheet
117Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790A STMICROELECTRONICS-STD790A Datasheet
126Kb / 6P
MEDIUM CURRENT, HIGH PERFORMANCE, LOW VOLTAGE PNP TRANSISTOR
Mar-2003
STD790AT4 STMICROELECTRONICS-STD790AT4 Datasheet
203Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
27-Mar-2006
STN790A STMICROELECTRONICS-STN790A_06 Datasheet
199Kb / 10P
Medium Current, High Performance, Low Voltage PNP Transistor
24-Mar-2006
STX790A STMICROELECTRONICS-STX790A_06 Datasheet
218Kb / 11P
Medium Current, High Performance, Low Voltage PNP Transistor
29-Mar-2006
STD790A STMICROELECTRONICS-STD790A_08 Datasheet
168Kb / 9P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STN790A STMICROELECTRONICS-STN790A_08 Datasheet
183Kb / 9P
Medium current, high performance, low voltage PNP transistor
26-Jun-2008
STX790A STMICROELECTRONICS-STX790A_08 Datasheet
166Kb / 10P
Medium current, high performance, low voltage PNP transistor
25-Jun-2008
STX790A STMICROELECTRONICS-STX790A_09 Datasheet
181Kb / 10P
Medium current,high performance,low voltage PNP transistor
28-Apr-2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com