Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM1051CLT Datasheet(PDF) 13 Page - STMicroelectronics

Part # TSM1051CLT
Description  Constant voltage and constant current controller for battery chargers and adaptors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM1051CLT Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TSM1051CLT Datasheet HTML 7Page - STMicroelectronics TSM1051CLT Datasheet HTML 8Page - STMicroelectronics TSM1051CLT Datasheet HTML 9Page - STMicroelectronics TSM1051CLT Datasheet HTML 10Page - STMicroelectronics TSM1051CLT Datasheet HTML 11Page - STMicroelectronics TSM1051CLT Datasheet HTML 12Page - STMicroelectronics TSM1051CLT Datasheet HTML 13Page - STMicroelectronics TSM1051CLT Datasheet HTML 14Page - STMicroelectronics TSM1051CLT Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
TSM1051
Package mechanical data
13/15
Figure 13. Package dimensions
Table 8.
SO-8 mechanical data
Dim.
mm.
inch
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
0.053
0.069
A1
0.1
0.25
0.004
0.010
A2
1.1
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.8
5
0.189
0.197
E
3.8
4
0.150
0.157
e
1.27
0.000
0.050
0.000
H
5.8
6.2
0.228
0.244
h
0.25
0.5
0.010
0.020
L
0.4
1.27
0.016
0.050
k
8° (max.)
ddd
0.1
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com