Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC04
Description  HEX INVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC04 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC04 Datasheet HTML 1Page - STMicroelectronics 74VHC04 Datasheet HTML 2Page - STMicroelectronics 74VHC04 Datasheet HTML 3Page - STMicroelectronics 74VHC04 Datasheet HTML 4Page - STMicroelectronics 74VHC04 Datasheet HTML 5Page - STMicroelectronics 74VHC04 Datasheet HTML 6Page - STMicroelectronics 74VHC04 Datasheet HTML 7Page - STMicroelectronics 74VHC04 Datasheet HTML 8Page - STMicroelectronics 74VHC04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
November 2004
s
HIGH SPEED: tPD = 3.8ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 04
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC04 is an advanced high-speed CMOS
HEX
INVERTER
fabricated
with
sub-micron
silicon gate and double-layer metal wiring C2MOS
technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC04
HEX INVERTER
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC04MTR
TSSOP
74VHC04TTR
TSSOP
SOP
Rev. 5


Similar Part No. - 74VHC04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC04 STMICROELECTRONICS-74VHC04 Datasheet
53Kb / 7P
HEX INVERTER
Jun-1999
logo
Fairchild Semiconductor
74VHC04 FAIRCHILD-74VHC04 Datasheet
100Kb / 8P
Hex Inverter
logo
ON Semiconductor
74VHC04 ONSEMI-74VHC04 Datasheet
312Kb / 10P
Hex Inverter
February 2008 Rev. 1.3.0
logo
Toshiba Semiconductor
74VHC04FT TOSHIBA-74VHC04FT Datasheet
147Kb / 7P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-07-07 Rev.4.0
logo
STMicroelectronics
74VHC04M STMICROELECTRONICS-74VHC04M Datasheet
53Kb / 7P
HEX INVERTER
Jun-1999
More results

Similar Description - 74VHC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com