Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN851 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN851
Description  LOW VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN851 Datasheet(HTML) 2 Page - STMicroelectronics

  STN851 Datasheet HTML 1Page - STMicroelectronics STN851 Datasheet HTML 2Page - STMicroelectronics STN851 Datasheet HTML 3Page - STMicroelectronics STN851 Datasheet HTML 4Page - STMicroelectronics STN851 Datasheet HTML 5Page - STMicroelectronics STN851 Datasheet HTML 6Page - STMicroelectronics STN851 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-amb
Thermal Resistance Junction-ambient
Max
78
oC/W
• Device mounted on a P.C.B. area of 1 cm2
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
VCB = 120 V
VCB = 120 V
Tj = 100
o C
50
1
nA
µA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 7 V
10
nA
V(BR)CBO
Collector-Base
Breakdown Voltage
(IE = 0)
IC = 100
µA
150
V
V(BR)CEO
∗ Collector-Emitter
Breakdown Voltage
(IB = 0)
IC = 10 mA
60
V
V(BR)EBO
Emitter-Base
Breakdown Voltage
(IC = 0)
IE = 100
µA
7V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 100 mA
IB = 5 mA
IC = 1 A
IB = 50 mA
IC = 2 A
IB = 50 mA
IC = 5 A
IB = 200 mA
10
70
140
320
50
120
250
500
mV
mV
mV
mV
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 4 A
IB = 200 mA
1
1.15
V
VBE(on)
∗ Base-Emitter On
Voltage
IC = 4 A
VCE = 1 V
0.89
1
V
hFE
∗
DC Current Gain
IC = 10 mA
VCE = 1 V
IC = 2 A
VCE = 1 V
IC = 5 A
VCE = 1 V
IC = 10 A
VCE = 1 V
150
150
90
30
300
270
140
50
350
fT
Transition frequency
VCE = 10 V
IC = 100 mA
130
MHz
CCBO
Collector-Base
Capacitance
VCB = 10 V
f = 1 MHz
50
pF
ton
ts
tf
RESISTIVE LOAD
Turn- on Time
Storage Time
Fall Time
IC = 1 A
VCC = 10 V
IB1 = - IB2 = 0.1 A
50
1.35
120
ns
µs
ns
* Pulsed: Pulse duration = 300
µs, duty cycle = 1.5 %
STN851
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com