Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC27 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC27
Description  TRIPLE 3-INPUT NOR GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC27 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC27 Datasheet HTML 1Page - STMicroelectronics 74VHC27 Datasheet HTML 2Page - STMicroelectronics 74VHC27 Datasheet HTML 3Page - STMicroelectronics 74VHC27 Datasheet HTML 4Page - STMicroelectronics 74VHC27 Datasheet HTML 5Page - STMicroelectronics 74VHC27 Datasheet HTML 6Page - STMicroelectronics 74VHC27 Datasheet HTML 7Page - STMicroelectronics 74VHC27 Datasheet HTML 8Page - STMicroelectronics 74VHC27 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
November 2004
s
HIGH SPEED: tPD = 4.1 ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 2 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 27
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74VHC27 is an advanced high-speed CMOS
TRIPLE 3-INPUT NOR GATE fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provides high noise
immunity and stable output.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC27
TRIPLE 3-INPUT NOR GATE
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC27MTR
TSSOP
74VHC27TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27 Datasheet
51Kb / 7P
TRIPLE 3-INPUT NOR GATE
Jun-1999
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273 Datasheet
72Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH CLEAR
Oct-1999
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273 Datasheet
532Kb / 10P
Octal D-Type Flip-Flop
More results

Similar Description - 74VHC27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HCT27A INTEGRAL-IN74HCT27A Datasheet
38Kb / 5P
Triple 3-Input NOR Gate
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com