Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT5363 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VT5363
Description  Single-chip USB/PS2 optical mouse
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VT5363 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VT5363_07 Datasheet HTML 8Page - STMicroelectronics VT5363_07 Datasheet HTML 9Page - STMicroelectronics VT5363_07 Datasheet HTML 10Page - STMicroelectronics VT5363_07 Datasheet HTML 11Page - STMicroelectronics VT5363_07 Datasheet HTML 12Page - STMicroelectronics VT5363_07 Datasheet HTML 13Page - STMicroelectronics VT5363_07 Datasheet HTML 14Page - STMicroelectronics VT5363_07 Datasheet HTML 15Page - STMicroelectronics VT5363_07 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Configuring the VT5363
VT5363
12/23
3.5
EEPROM data format
A 128 byte serial EEPROM is used to hold USB configuration information. The lower 64
bytes hold USB PID, VID and string information as shown in the table below. The upper
bytes may be used to hold special setup information, for example to set the resolution to
400cpi (contact STMicroelectronics for details).
Location 127 in the EEPROM must hold the number 0xAA and is used to detect that an
EEPROM has been fitted. If location 127 does not contain 0xAA the EEPROM contents will
be ignored.
Table 4.
Example EEPROM contents
EEPROM
Location
Contains
Notes
0
VID (LSB)
Vendor ID
(only one VID is stored for all 3 mouse configurations)
1
VID (MSB)
2
PID (LSB)
Product ID for 2 button mouse
3
PID (MSB)
4
PID (LSB)
Product ID for ‘3 button + Z’ mouse
5
PID (MSB)
6
PID (LSB)
Product ID for ‘5 button + Z’ mouse
7
PID (MSB)
8
0x04
Language ID Length
9
0x03
Language ID Type
10
0x09
Language ID (2 bytes)
(0x0904 = US English)
11
0x04
12
0x0C
String ID Length = (number of characters in string *2) + 2
For the example string ‘MOUSE’ this is (2*5)+2 = 12 = 0x0C
13
0x03
String ID Type
14
0x4D
ASCII code for first character of String (example for ‘M’)
15
0x4F
ASCII code for first character of String (example for ‘O’)
16
0x55
ASCII code for first character of String (example for ‘U’)
17
0x53
ASCII code for first character of String (example for ‘S’)
18
0x45
ASCII code for first character of String (example for ‘E’)
19 - 62
0xFF
Rest of lower half of EEPROM is available for longer strings, up
to 50 characters maximum (set unused locations to 0xFF)
64-126
0xFF
Leave upper half of EEPROM empty
(may be used to hold special setup information - contact
STMicroelectronics for details)
127
0xAA
Special flag to indicate that EEPROM is present



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com