Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR12AM Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CR12AM
Description  MEDIUM POWER USE NON-INSULATED TYPE, GLASS PASSIVATION TYPE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CR12AM Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CR12AM Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CR12AM Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CR12AM Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CR12AM Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CR12AM Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CR12AM Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Feb.1999
MITSUBISHI SEMICONDUCTOR
〈THYRISTOR〉
CR12AM
MEDIUM POWER USE
NON-INSULATED TYPE, GLASS PASSIVATION TYPE
V1. The contact thermal resistance Rth (c-f) is 1.0
°C/W with greased.
ELECTRICAL CHARACTERISTICS
Test conditions
Tj=125
°C, VRRM applied
Tj=125
°C, VDRM applied
Tc=25
°C, ITM=40A,
Tj=25
°C, VD=6V, IT=1A
Tj=125
°C, VD=1/2VDRM
Tj=25
°C, VD=6V, IT=1A
Tj=25
°C, VD=12V
Junction to case
V1
Unit
mA
mA
V
V
V
mA
mA
°C/W
Typ.
—
—
—
—
—
—
15
—
Symbol
IRRM
IDRM
VTM
VGT
VGD
IGT
IH
Rth (j-c)
Parameter
Repetitive peak reverse current
Repetitive peak off-state current
On-state voltage
Gate trigger voltage
Gate non-trigger voltage
Gate trigger current
Holding current
Thermal resistance
Limits
Min.
—
—
—
—
0.2
—
—
—
Max.
2.0
2.0
1.6
1.5
—
30
—
1.2
100
23
5 7 101
160
80
23
5 7 102
44
240
320
400
120
40
200
280
360
0
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
103
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
Tc = 25°C
MAXIMUM ON-STATE CHARACTERISTICS
ON-STATE VOLTAGE (V)
RATED SURGE ON-STATE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
PERFORMANCE CURVES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com