Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB100NF04 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB100NF04
Description  N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04 Datasheet(HTML) 1 Page - STMicroelectronics

  STB100NF04 Datasheet HTML 1Page - STMicroelectronics STB100NF04 Datasheet HTML 2Page - STMicroelectronics STB100NF04 Datasheet HTML 3Page - STMicroelectronics STB100NF04 Datasheet HTML 4Page - STMicroelectronics STB100NF04 Datasheet HTML 5Page - STMicroelectronics STB100NF04 Datasheet HTML 6Page - STMicroelectronics STB100NF04 Datasheet HTML 7Page - STMicroelectronics STB100NF04 Datasheet HTML 8Page - STMicroelectronics STB100NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
AUTOMOTIVE SPECIFIC
February 2002
STP100NF04
STB100NF04, STB100NF04-1
N-CHANNEL 40V - 0.0043
Ω - 120A TO-220/D2PAK/I2PAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.0043 Ω
s
STANDARD THRESHOLD DRIVE
s
100% AVALANCHE TESTED
DESCRIPTION
This Power Mosfet is the latest development of ST-
Microelectronics unique “Single Feature Size
™”
strip-based process. The resulting transistor shows
extremely high packing density for low on-resis-
tance, rugged avalanche characteristics and less
critical alignment steps therefore a remarkable man-
ufacturing reproducibility.
APPLICATIONS
s
HIGH CURRENT, HIGH SWITCHING SPEED
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
DC-DC & DC-AC CONVERTERS
s
SOLENOID AND RELAY DRIVERS
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP100NF04
STB100NF04
STB100NF04-1
40 V
40 V
40 V
< 0.0046
Ω
< 0.0046
Ω
<0.0046
Ω
120 A
120 A
120 A
300 W
300 W
300 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP100NF04
P100NF04
TO-220
TUBE
STB100NF04T4
B100NF04
D2PAK
TAPE & REEL
STB100NF04-1
B100NF04
I2PAK
TUBE
TO-220
1
2
3
I2PAK
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STB100NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100NF04 STMICROELECTRONICS-STB100NF04 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB100NF04L STMICROELECTRONICS-STB100NF04L Datasheet
338Kb / 9P
N-CHANNEL 40V - 0.0036 W - 100A D2PAK STripFET™ II POWER MOSFET
Feb-2002
logo
VBsemi Electronics Co.,...
STB100NF04L VBSEMI-STB100NF04L Datasheet
1Mb / 9P
N-Channel 40 V (D-S) MOSFET
logo
STMicroelectronics
STB100NF04T4 STMICROELECTRONICS-STB100NF04T4 Datasheet
1Mb / 20P
AEC-Q101 qualified
21-Nov-2016
logo
VBsemi Electronics Co.,...
STB100NF04T4 VBSEMI-STB100NF04T4 Datasheet
1Mb / 9P
N-Channel 40 V (D-S) MOSFET
More results

Similar Description - STB100NF04

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STB120NF10 STMICROELECTRONICS-STB120NF10 Datasheet
393Kb / 10P
N-CHANNEL 100V - 0.009 W - 120A D2PAK/TO-220 STripFET II POWER MOSFET
May-2003
STB190NF04 STMICROELECTRONICS-STB190NF04 Datasheet
173Kb / 9P
N-CHANNEL 40V - 3.9 mW - 120A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET
February 2004
STP120NF04 STMICROELECTRONICS-STP120NF04 Datasheet
296Kb / 11P
N-CHANNEL 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
15-Feb-2005
STB100NF04 STMICROELECTRONICS-STB100NF04_07 Datasheet
394Kb / 17P
N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
20-Feb-2007
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STP120NF04 STMICROELECTRONICS-STP120NF04_06 Datasheet
303Kb / 14P
N-channel 40V - 0.0047ohm - 120A TO-220 STripFET II MOSFET
02-Oct-2006
STP200N4F3 STMICROELECTRONICS-STP200N4F3 Datasheet
319Kb / 14P
N-channel 40V - 0.0035Ω - 120A - D2PAK - TO-220 planar STripFET™Power MOSFET
02-Oct-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com