Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB100NF04-1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB100NF04-1
Description  N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET™ II POWER MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB100NF04-1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB100NF04-1 Datasheet HTML 7Page - STMicroelectronics STB100NF04-1 Datasheet HTML 8Page - STMicroelectronics STB100NF04-1 Datasheet HTML 9Page - STMicroelectronics STB100NF04-1 Datasheet HTML 10Page - STMicroelectronics STB100NF04-1 Datasheet HTML 11Page - STMicroelectronics STB100NF04-1 Datasheet HTML 12Page - STMicroelectronics STB100NF04-1 Datasheet HTML 13Page - STMicroelectronics STB100NF04-1 Datasheet HTML 14Page - STMicroelectronics STB100NF04-1 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13/15
STP100NF04, STB100NF04, STB100NF04-1
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
e
2.4
2.7
0.094
0.106
E
10
10.4
0.393
0.409
L
13.1
13.6
0.515
0.531
L1
3.48
3.78
0.137
0.149
L2
1.27
1.4
0.050
0.055
L
L1
D
L2
P011P5/E
TO-262 (I
2PAK) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com