Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC240 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC240
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC240 Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC240 Datasheet HTML 1Page - STMicroelectronics 74VHC240 Datasheet HTML 2Page - STMicroelectronics 74VHC240 Datasheet HTML 3Page - STMicroelectronics 74VHC240 Datasheet HTML 4Page - STMicroelectronics 74VHC240 Datasheet HTML 5Page - STMicroelectronics 74VHC240 Datasheet HTML 6Page - STMicroelectronics 74VHC240 Datasheet HTML 7Page - STMicroelectronics 74VHC240 Datasheet HTML 8Page - STMicroelectronics 74VHC240 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74VHC240
2/12
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don‘t Care
Z : High Impedance
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
PIN N°
SYMBOL
NAME AND FUNCTION
11G
Output Enable Input
2, 4, 6, 8
1A1 to 1A4
Data Inputs
9, 7, 5, 3
2Y1 to 2Y4
Data Outputs
11, 13, 15,
17
2A1 to 2A4
Data Inputs
18, 16, 14,
12
1Y1 to 1Y4
Data Outputs
19
2G
Output Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
OUTPUT
G
An
Yn
LL
H
LHL
HX
Z
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0 to 20
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com