Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC245MTR Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74VHC245MTR
Description  OCTAL BUS TRANSCEIVER (3-STATE)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC245MTR Datasheet(HTML) 2 Page - STMicroelectronics

  74VHC245MTR Datasheet HTML 1Page - STMicroelectronics 74VHC245MTR Datasheet HTML 2Page - STMicroelectronics 74VHC245MTR Datasheet HTML 3Page - STMicroelectronics 74VHC245MTR Datasheet HTML 4Page - STMicroelectronics 74VHC245MTR Datasheet HTML 5Page - STMicroelectronics 74VHC245MTR Datasheet HTML 6Page - STMicroelectronics 74VHC245MTR Datasheet HTML 7Page - STMicroelectronics 74VHC245MTR Datasheet HTML 8Page - STMicroelectronics 74VHC245MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
74VHC245
2/12
Figure 2: Input Equivalent Circuit
Table 2: Pin Description
Table 3: Truth Table
X : Don‘t Care
Z : High Impedance
Table 4: Absolute Maximum Ratings
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
Table 5: Recommended Operating Conditions
1) VIN from 30% to 70% of VCC
PIN N°
SYMBOL
NAME AND FUNCTION
1
DIR
Directional Control
2, 3, 4, 5, 6,
7, 8, 9
A1 to A8
Data Inputs/Outputs
18, 17, 16,
15, 14, 13,
12, 11
B1 to B8
Data Inputs/Outputs
19
G
Output Enable Input
10
GND
Ground (0V)
20
VCC
Positive Supply Voltage
INPUTS
FUNCTION
OUTPUT
G
DIR
A BUS
B BUS
L
L
OUTPUT
INPUT
A = B
L
H
INPUT
OUTPUT
B = A
H
X
ZZZ
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage (DIR, G)
-0.5 to +7.0
V
VI/O
Bus I/O Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
- 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage (DIR, G)
0 to 5.5
V
VI/O
Bus I/O Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC = 3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0 to 20
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com