Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC244 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 74VHC244
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC244 Datasheet(HTML) 4 Page - STMicroelectronics

  74VHC244 Datasheet HTML 1Page - STMicroelectronics 74VHC244 Datasheet HTML 2Page - STMicroelectronics 74VHC244 Datasheet HTML 3Page - STMicroelectronics 74VHC244 Datasheet HTML 4Page - STMicroelectronics 74VHC244 Datasheet HTML 5Page - STMicroelectronics 74VHC244 Datasheet HTML 6Page - STMicroelectronics 74VHC244 Datasheet HTML 7Page - STMicroelectronics 74VHC244 Datasheet HTML 8Page - STMicroelectronics 74VHC244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
74VHC244
4/12
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
3.3(*)
15
5.8
8.4
1.0
10.0
1.0
10.0
ns
3.3(*)
50
8.3
11.9
1.0
13.5
1.0
13.5
5.0(**)
15
3.9
5.5
1.0
6.5
1.0
6.5
5.0(**)
50
5.4
7.5
1.0
8.5
1.0
8.5
tPZL
tPZH
Output Enable
Time
3.3(*)
15
RL = 1KΩ
6.6
10.6
1.0
12.5
1.0
12.5
ns
3.3(*)
50
RL = 1KΩ
9.1
14.1
1.0
16.0
1.0
16.0
5.0(**)
15
RL = 1KΩ
4.7
7.3
1.0
8.5
1.0
8.5
5.0(**)
50
RL = 1KΩ
6.2
9.3
1.0
10.5
1.0
10.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
50
RL = 1KΩ
10.3
14.0
1.0
16.0
1.0
16.0
ns
5.0(**)
50
RL = 1KΩ
6.7
9.2
1.0
10.5
1.0
10.5
tOSLH
tOSHL
Output to Output
Skew time (note 1)
3.3(*)
50
1.5
1.5
1.5
ns
5.0(**)
50
1.0
1.0
1.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
410
10
10
pF
COUT
Output
Capacitance
6pF
CPD
Power Dissipation
Capacitance
(note 1)
19
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com