Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74VHC574 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHC574
Description  OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUTS NON INVERTING
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC574 Datasheet(HTML) 5 Page - STMicroelectronics

  74VHC574 Datasheet HTML 1Page - STMicroelectronics 74VHC574 Datasheet HTML 2Page - STMicroelectronics 74VHC574 Datasheet HTML 3Page - STMicroelectronics 74VHC574 Datasheet HTML 4Page - STMicroelectronics 74VHC574 Datasheet HTML 5Page - STMicroelectronics 74VHC574 Datasheet HTML 6Page - STMicroelectronics 74VHC574 Datasheet HTML 7Page - STMicroelectronics 74VHC574 Datasheet HTML 8Page - STMicroelectronics 74VHC574 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74VHC574
5/14
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Note 1: Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/8 (per
Flip-Flop)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
CH to Q
3.3(*)
15
8.5
13.2
1.0
15.5
1.0
15.5
ns
3.3(*)
50
11.0
16.7
1.0
19.0
1.0
19.0
5.0(**)
15
5.6
8.6
1.0
10.0
1.0
10.0
5.0(**)
50
7.1
10.6
1.0
12.0
1.0
12.0
tPZL
tPZH
Output Enable
Time
3.3(*)
15
8.2
12.8
1.0
15.0
1.0
15.0
ns
3.3(*)
50
10.7
16.3
1.0
18.5
1.0
18.5
5.0(**)
15
5.9
9.0
1.0
10.5
1.0
10.5
5.0(**)
50
7.4
11.0
1.0
12.5
1.0
12.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
50
11.0
15.0
1.0
17.0
1.0
17.0
ns
3.3(*)
50
7.1
10.1
1.0
11.5
1.0
11.5
tw
Clock Pulse Width
HIGH or LOW
3.3(*)
5.0
5.0
5.0
ns
5.0(**)
5.0
5.0
5.0
ts
Setup Time D to CK
HIGH or LOW
3.3(*)
3.5
3.5
3.5
ns
5.0(**)
3.5
3.5
3.5
th
Hold Time D to CK
HIGH or LOW
3.3(*)
1.5
1.5
1.5
ns
5.0(**)
1.5
1.5
1.5
fMAX
Maximum Clock
Frequency
3.3(*)
15
80
125
65
65
MHz
3.3(*)
50
50
75
45
45
5.0(**)
15
130
180
110
110
5.0(**)
50
85
115
75
75
tOSLH
tOSHL
Output to Output
Skew time (note 1)
3.3(*)
50
1.5
1.5
1.5
ns
5.0(**)
50
1.0
1.0
1.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
710
10
10
pF
COUT
Output
Capacitance
9pF
CPD
Power Dissipation
Capacitance
(note 1)
28
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com