Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM6321MAWY6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM6321MAWY6F
Description  5-pin supervisor with watchdog timer and push-button reset
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6321MAWY6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM6321MAWY6F Datasheet HTML 9Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 10Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 11Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 12Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 13Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 14Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 15Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 16Page - STMicroelectronics STM6321MAWY6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
STM6321/6322STM6821/6822/6823/6824/6825
Typical operating characteristics
13/28
3
Typical operating characteristics
Figure 15.
VCC-to-reset output delay vs. temperature
Figure 16.
Supply current vs. temperature
Temperature (˚C)
AI09627a
0
5
10
15
20
25
30
35
–40
–20
0
20
40
60
80
Temperature (˚C)
VCC = 3V
VCC = 5V
AI09628a
0
1
2
3
4
5
6
7
–40
–20
0
20
40
60
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com