Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4-7SB Datasheet(PDF) 2 Page - STMicroelectronics

Part # ACST4-7SB
Description  AC power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4-7SB Datasheet(HTML) 2 Page - STMicroelectronics

  ACST4-7SB Datasheet HTML 1Page - STMicroelectronics ACST4-7SB Datasheet HTML 2Page - STMicroelectronics ACST4-7SB Datasheet HTML 3Page - STMicroelectronics ACST4-7SB Datasheet HTML 4Page - STMicroelectronics ACST4-7SB Datasheet HTML 5Page - STMicroelectronics ACST4-7SB Datasheet HTML 6Page - STMicroelectronics ACST4-7SB Datasheet HTML 7Page - STMicroelectronics ACST4-7SB Datasheet HTML 8Page - STMicroelectronics ACST4-7SB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
ACST4
2/13
1
Characteristics
Table 1.
Absolute ratings (limiting values)
For either positive or negative polarity of pin OUT voltage in respect to pin COM voltage
Symbol
Parameter
Value
Unit
VDRM/VRRM
Repetitive peak off-state voltage
Tj = -10° C
700
V
IT(RMS)
RMS on-state current full cycle sine
wave 50 to 60 Hz
DPAK, IPAK
Tc = 110° C
4A
TO-220FPAB Tc = 100° C
ITSM
Non repetitive surge peak on-state current
F = 50 Hz
30
A
Tj initial = 25° C, full cycle sine wave
F = 60 Hz
33
A
I2t
Fusing capability
tp = 10 ms
6.4
A2s
dI/dt
Repetitive on-state current critical rate of
rise I
G = 10 mA (t
r < 100 ns)
Tj = 125° C
F = 120 Hz
50
A/
μs
VPP
Non repetitive line peak pulse voltage(1)
2kV
Tstg
Storage temperature range
- 40 to + 150
° C
Tj
Operating junction temperature range
- 30 to + 125
° C
Tl
Maximum lead soldering temperature during 10 s
260
° C
1.
according to test described by IEC 61000-4-5 standard and Figure 3.
Table 2.
Gate characteristics (maximum values)
Symbol
Parameter
Value
Unit
PG(AV)
Average gate power dissipation
0.1
W
PGM
Peak gate power dissipation (tp = 20 µs)
10
A
IGM
Peak gate current (tp = 20 µs)
1
V
Table 3.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
S(1) = 0.5 cm2
DPAK, IPAK
70
° C/W
TO-220FPAB
60
° C/W
Rth (j-l)
Junction to tab/lead for full cycle sine wave
conduction
DPAK, IPAK
2.6
° C/W
TO-220FPAB
4.6
° C/W
1.
S = Copper surface under Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com