Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AIS326DQ Datasheet(PDF) 39 Page - STMicroelectronics

Part # AIS326DQ
Description  MEMS inertial sensor 3-axis, low g accelerometer with digital output
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AIS326DQ Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AIS326DQ Datasheet HTML 35Page - STMicroelectronics AIS326DQ Datasheet HTML 36Page - STMicroelectronics AIS326DQ Datasheet HTML 37Page - STMicroelectronics AIS326DQ Datasheet HTML 38Page - STMicroelectronics AIS326DQ Datasheet HTML 39Page - STMicroelectronics AIS326DQ Datasheet HTML 40Page - STMicroelectronics AIS326DQ Datasheet HTML 41Page - STMicroelectronics AIS326DQ Datasheet HTML 42Page - STMicroelectronics AIS326DQ Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AIS326DQ
Typical performance characteristics
39/49
8.2
Mechanical characteristics at -40 °C
Figure 17.
X-axis zero-g level at 3.3 V
Figure 18.
X-axis sensitivity at 3.3 V
Figure 19.
Y-axis zero-
g level at 3.3 V
Figure 20.
Y-axis sensitivity at 3.3 V
Figure 21.
Z-axis zero-
g level at 3.3 V
Figure 22.
Z-axis sensitivity at 3.3 V
−80
−60
−40
−20
0
20
40
60
80
0
5
10
15
20
25
30
35
40
Zero−g Level Offset [mg]
940
960
980
1000
1020
1040
1060
1080
1100
1120
0
5
10
15
20
25
30
Sensitivity [LSB/g]
−80
−60
−40
−20
0
20
40
60
80
0
5
10
15
20
25
30
35
40
45
Zero−g Level Offset [mg]
940
960
980
1000
1020
1040
1060
1080
1100
1120
0
5
10
15
20
25
30
Sensitivity [LSB/g]
−80
−60
−40
−20
0
20
40
60
80
0
5
10
15
20
25
Zero−g Level Offset [mg]
940
960
980
1000
1020
1040
1060
1080
1100
1120
0
5
10
15
20
25
30
Sensitivity [LSB/g]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com