Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4-7SFP Datasheet(PDF) 3 Page - STMicroelectronics

Part # ACST4-7SFP
Description  AC power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4-7SFP Datasheet(HTML) 3 Page - STMicroelectronics

  ACST4-7SFP Datasheet HTML 1Page - STMicroelectronics ACST4-7SFP Datasheet HTML 2Page - STMicroelectronics ACST4-7SFP Datasheet HTML 3Page - STMicroelectronics ACST4-7SFP Datasheet HTML 4Page - STMicroelectronics ACST4-7SFP Datasheet HTML 5Page - STMicroelectronics ACST4-7SFP Datasheet HTML 6Page - STMicroelectronics ACST4-7SFP Datasheet HTML 7Page - STMicroelectronics ACST4-7SFP Datasheet HTML 8Page - STMicroelectronics ACST4-7SFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACST4
Characteristics
3/13
Table 4.
Parameter description
Parameter symbol
Parameter description
IGT
Triggering gate current
VGT
Triggering gate voltage
VGD
Non-triggering gate voltage
IH
Holding current
IL
Latching current
VTM
Peak on-state voltage drop
VTO
On state threshold voltage
Rd
On state dynamic resistance
IDRM / IRRM
Maximum forward or reverse leakage current
dV/dt
Critical rate of rise of off-state voltage
(dV/dt)c
Critical rate of rise of commutating off-state voltage
(dI/dt)c
Critical rate of decrease of commutating on-state current
VCL
Clamping voltage
ICL
Clamping current
Table 5.
Electrical characteristics
For either positive or negative polary of pin OUT voltage respect to pin COM voltage
Symbol
Test conditions
ACST4-7S
ACST4-7C
Unit
IGT
VOUT = 12 V DC
RL = 33 Ω
QI - QII - QIII
Tj = 25° C
MAX
10
25
mA
VGT
VOUT = 12 V DC
RL = 33 Ω
QI - QII - QIII
Tj = 25° C
MAX
1
1.1
V
VGD
VOUT = VDRM
RL = 3.3 Ω
Tj = 125° C
MIN
0.2
V
IH
IOUT = 100 mA
Gate open
Tj = 25° C
MAX
20
35
mA
IL
IG = 2 x IGtmax
Tj = 25° C
MAX
40
60
mA
VTM
IOUT = 5.6 A
tp = 380 µs
Tj = 25° C
MAX
1.5
V
VTO
Tj = 125° C
MAX
0.90
V
Rd
Tj = 125° C
MAX
100
m
Ω
IDRM /
IRRM
VOUT = 700 V
Tj = 25° C
MAX
10
µA
Tj = 125° C
MAX
500
dV/dt
VOUT = 460 V
Gate open
Tj = 110° C
MIN
200
500
V/µs
(dI/dt)c
(dI/dt)c = 15 V/ µs
Tj = 125° C
MIN
2.0
2.5
A/ms
VCL
ICL = 1mA
tp = 1ms
Tj = 25° C
TYP
1100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com