Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACST4-7CFP Datasheet(PDF) 6 Page - STMicroelectronics

Part # ACST4-7CFP
Description  AC power switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST4-7CFP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ACST4-7CFP Datasheet HTML 2Page - STMicroelectronics ACST4-7CFP Datasheet HTML 3Page - STMicroelectronics ACST4-7CFP Datasheet HTML 4Page - STMicroelectronics ACST4-7CFP Datasheet HTML 5Page - STMicroelectronics ACST4-7CFP Datasheet HTML 6Page - STMicroelectronics ACST4-7CFP Datasheet HTML 7Page - STMicroelectronics ACST4-7CFP Datasheet HTML 8Page - STMicroelectronics ACST4-7CFP Datasheet HTML 9Page - STMicroelectronics ACST4-7CFP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AC line transient voltage ruggedness
ACST4
6/13
Figure 7.
RMS on-state current versus
ambient temperature.
Figure 8.
Relative variation of thermal
impedance versus pulse duration.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
25
50
75
100
125
Tamb(°C)
α=180°
Printed circuit board FR4
Natural convection
S=0.5cm²
I
(A)
T(RMS)
0.01
0.10
1.00
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
tp(s)
Zth
(j-a)
Zth
(j-c)
DPAK
IPAK
TO-220FPAB
DPAK
IPAK
TO-220FPAB
K = [Zth/Rth]
Figure 9.
Relative variation of gate trigger
current, holding current and
latching versus junction
temperature (typical values).
Figure 10.
Relative variation of static dV/dt
versus junction temperature.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10
20
30
40 50
60
70
80
90 100 110 120 130
Tj(°C)
I
GT
I
L & IH
I
, I , I [Tj] / I
, I , I [Tj = 25°C]
GT
H
L
GT
H
L
0
1
2
3
4
5
6
7
8
25
50
75
100
125
Tj(°C)
V
out=460V
dV/dt [Tj] / dV/dt [Tj = 125°C]
Figure 11.
Relative variation of critical rate of
decrease of main current versus
reapplied dV/dt (typical values).
Figure 12.
Relative variation of critical rate of
decrease of main current versus
reapplied dV/dt (typical values).
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
2030
4050
6070
8090
100
(dV/dt)c(V/µs)
V
out=300V
ACST4-7C
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
30
35
40
45
50
V
out=300V
ACST4-7S
(dV/dt)c(V/µs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com