Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DB3
Description  DIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB3 Datasheet(HTML) 2 Page - STMicroelectronics

  DB3 Datasheet HTML 1Page - STMicroelectronics DB3 Datasheet HTML 2Page - STMicroelectronics DB3 Datasheet HTML 3Page - STMicroelectronics DB3 Datasheet HTML 4Page - STMicroelectronics DB3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DB3 DB4 SMDB3
2/5
Symbol
Parameter
Test Conditions
SMDB3
DB3
DB4
Unit
VBO
Breakover voltage *
C = 22nF **
MIN.
28
28
35
V
TYP.
32
32
40
MAX.
36
36
45
IVBO1 -VBO2 I
Breakover voltage
symmetry
C = 22nF **
MAX.
3
V
∆ V
Dynamic breakover
voltage *
VBO and VF at 10mA
MIN.
10
5
V
VO
Output voltage *
see diagram 2
(R=20
Ω)
MIN.
10
5
V
IBO
Breakover current *
C = 22nF **
MAX.
10
50
µA
tr
Rise time *
see diagram 3
MAX.
0.50
2
µs
IR
Leakage current *
VR = 0.5 VBO max
MAX.
1
10
µA
IP
Peak current *
see diagram 2 (Gate)
MIN.
1
0.30
A
* Applicable to both forward and reverse directions.
** Connected in parallel to the device.
ELECTRICAL CHARACTERISTICS (Tj = 25°C unless otherwise specified)
Part Number
VBO
Package
SMDB3
28 - 36
SOT-23
DB3
28 - 36
DO-35
DB4
35 - 45
DO-35
PRODUCT SELECTOR
SM DB 3
Surface
Mount
Version
Diac Series
Breakover voltage
3: V
typ = 32V
4: V
typ = 40V
BO
BO
ORDERING INFORMATION



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com