Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DB4
Description  DIAC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB4 Datasheet(HTML) 1 Page - STMicroelectronics

  DB4 Datasheet HTML 1Page - STMicroelectronics DB4 Datasheet HTML 2Page - STMicroelectronics DB4 Datasheet HTML 3Page - STMicroelectronics DB4 Datasheet HTML 4Page - STMicroelectronics DB4 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
DB3 DB4 SMDB3
®
October 2001 - Ed: 2B
DIAC
DO-35
(DB3 and DB4)
s
VBO : 32V and 40V
s
LOW BREAKOVER CURRENT
FEATURES
Functioning as a trigger diode with a fixed voltage
reference, the DB3/DB4 series can be used in
conjunction with triacs for simplified gate control
circuits or as a starting element in fluorenscent
lamp ballasts.
A new surface mount version is now available in
SOT-23 package, providing reduced space and
compatibility with automatic pick and place
equipment.
DESCRIPTION
Symbol
Parameter
Value
Unit
ITRM
Repetitive peak on-state current
tp=20
µs
F= 120 Hz
SMDB3
1.00
A
DB3 / DB4
2.00
Tstg
Tj
Storage temperature range
Operating junction temperature range
-40to+125
°C
ABSOLUTE MAXIMUM RATINGS (limiting values)
1
2
3
SOT-23
(SMDB3)*
Pin 1 and 3 must be shorted
together
Note: * SMDB3 indicated as Preliminary spec as product is still in development stage.


Similar Part No. - DB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
43Kb / 4P
TRIGGER DIODES
Apr-1995
logo
Shanghai Lunsure Electr...
DB4 CHENYI-DB4 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB4 DCCOM-DB4 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Diotec Semiconductor
DB4 DIOTEC-DB4 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
logo
STMicroelectronics
DB4 STMICROELECTRONICS-DB4 Datasheet
59Kb / 5P
DIAC
Oct-2001
More results

Similar Description - DB4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMDB3 STMICROELECTRONICS-TMMDB3 Datasheet
51Kb / 4P
DIAC
Mar-2001
logo
Formosa MS
LLDB3 FORMOSA-LLDB3 Datasheet
410Kb / 4P
DIAC
logo
STMicroelectronics
SMDB3 STMICROELECTRONICS-SMDB3 Datasheet
59Kb / 5P
DIAC
Oct-2001
DB3TG STMICROELECTRONICS-DB3TG Datasheet
51Kb / 4P
DIAC
Oct-2001
logo
List of Unclassifed Man...
FD0200YR ETC1-FD0200YR Datasheet
91Kb / 2P
DIAC
logo
SHENZHEN YONGERJIA INDU...
LLDB4 WINNERJOIN-LLDB4 Datasheet
161Kb / 4P
DIAC
LLDB3 WINNERJOIN-LLDB3 Datasheet
131Kb / 4P
DIAC
logo
Kersemi Electronic Co.,...
TMMDB3TG KERSEMI-TMMDB3TG Datasheet
395Kb / 4P
DIAC
TMMDB3 KERSEMI-TMMDB3 Datasheet
395Kb / 4P
DIAC
SMDB3 KERSEMI-SMDB3 Datasheet
404Kb / 5P
DIAC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com